Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL602-37 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # PL602-37
Description  750kHz ??800MHz Low Phase Noise Multiplier XO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL602-37 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button PL602-37 Datasheet HTML 2Page - Micrel Semiconductor PL602-37 Datasheet HTML 3Page - Micrel Semiconductor PL602-37 Datasheet HTML 4Page - Micrel Semiconductor PL602-37 Datasheet HTML 5Page - Micrel Semiconductor PL602-37 Datasheet HTML 6Page - Micrel Semiconductor PL602-37 Datasheet HTML 7Page - Micrel Semiconductor PL602-37 Datasheet HTML 8Page - Micrel Semiconductor PL602-37 Datasheet HTML 9Page - Micrel Semiconductor PL602-37 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PL602-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/07/2012 Page 8
PACKAGE INFORMAT ION (GREEN PACKAGE COMPLIANT)
TSSOP-16L
QFN-16L
Pin1 Dot
DDD
A
b
D1
e
L
SEATING
PLANE
A1
A3
Min
Nom
Max
A
0.70
0.75
0.80
A1
0.00
-
0.05
A3
b
0.20
0.25
0.30
D
2.95
3.00
3.05
E
2.95
3.00
3.05
D1
1.65
1.70
1.75
E1
1.65
1.70
1.75
L
0.250
0.300
0.350
e
0.50BSC
Symbol
Dimension (mm)
0.20
Symbol
Dimension in MM
Min.
Max.
A
-
1.20
A1
0.05
0.15
b
0.19
0.30
C
0.09
0.20
D
4.90
5.10
E
4.30
4.50
H
6.20
6.60
L
0.45
0.75
e
0.65 BSC
C
L
A
E
H
D
A1
e
B


Similar Part No. - PL602-37

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL602-00 MICREL-PL602-00 Datasheet
272Kb / 4P
   Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PL602-00DC MICREL-PL602-00DC Datasheet
272Kb / 4P
   Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
PL602-03HOC MICREL-PL602-03HOC Datasheet
259Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
PL602-03HOC-R MICREL-PL602-03HOC-R Datasheet
259Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
More results

Similar Description - PL602-37

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
   750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
logo
Micrel Semiconductor
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com