Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL560-08 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL560-08
Description  Analog Frequency Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL560-08 Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL560-08_12 Datasheet HTML 1Page - Micrel Semiconductor PL560-08_12 Datasheet HTML 2Page - Micrel Semiconductor PL560-08_12 Datasheet HTML 3Page - Micrel Semiconductor PL560-08_12 Datasheet HTML 4Page - Micrel Semiconductor PL560-08_12 Datasheet HTML 5Page - Micrel Semiconductor PL560-08_12 Datasheet HTML 6Page - Micrel Semiconductor PL560-08_12 Datasheet HTML 7Page - Micrel Semiconductor PL560-08_12 Datasheet HTML 8Page - Micrel Semiconductor PL560-08_12 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(Preliminary)
Analog Frequency Multiplier
PL560/565-08 VCXO Family
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 6/22/11 Page 3
AFM Phase Noise at 491.52MHz, using 122.88MHz crystal
AFM Spectrum at 491.52MHz, using 122.88MHz crystal
The analog frequency multiplication preserves the low phase noise of the quartz crystal oscillator while keeping
unwanted sub harmonics from the multiplication at very low levels. Sub harmonics appear only at large distance
from the carrier, far outside the loop bandwidth of a PLL that uses the AFM signal to multiply up further to a
multiple GHz network clock. This means the impact of the sub harmonics on the application is negligible.


Similar Part No. - PL560-08_12

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL560-08OC PLL-PL560-08OC Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL560-08OCL PLL-PL560-08OCL Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL560-08OCLR PLL-PL560-08OCLR Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL560-08OCR PLL-PL560-08OCR Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL560-08OI PLL-PL560-08OI Datasheet
887Kb / 15P
   Analog Frequency Multiplier
More results

Similar Description - PL560-08_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com