Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL565-08 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # PL565-08
Description  Analog Frequency Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL565-08 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button PL565-08 Datasheet HTML 4Page - Micrel Semiconductor PL565-08 Datasheet HTML 5Page - Micrel Semiconductor PL565-08 Datasheet HTML 6Page - Micrel Semiconductor PL565-08 Datasheet HTML 7Page - Micrel Semiconductor PL565-08 Datasheet HTML 8Page - Micrel Semiconductor PL565-08 Datasheet HTML 9Page - Micrel Semiconductor PL565-08 Datasheet HTML 10Page - Micrel Semiconductor PL565-08 Datasheet HTML 11Page - Micrel Semiconductor PL565-08 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
(Preliminary)
Analog Frequency Multiplier
PL560/565-08 VCXO Family
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 6/22/11 Page 10
OE LOGIC SELECTION
OESEL
OE
Output State
0 (Default)
0 (Default)
Enabled
1
Tri-state
1
0
Tri-state
1 (Default)
Enabled
0 (Default): Connect to GND or leave floating to set to “0”. Internal pull-down.
1 (Default): Connect to VDD or leave floating to set to “1”. Internal pull-up.
0: Connect to GND to set to “0”.
1: Connect to VDD to set to “1”.
OSCOFFSEL LOGIC SELECTION
OSCOFFSEL
Functionality description
0
The crystal oscillator shuts down when the output is disabled with OE.
1 (Default)
Only the output will disable with OE. All other circuits, including the crystal
oscillator are always running.
1 (Default): Connect to VDD or leave floating to set to “1”. Internal pull-up.
0: Connect to GND to set to “0”.


Similar Part No. - PL565-08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
PL565-68DC MICREL-PL565-68DC Datasheet
558Kb / 12P
   Analog Frequency Multiplier
PL565-68QC MICREL-PL565-68QC Datasheet
558Kb / 12P
   Analog Frequency Multiplier
PL565-68QC-R MICREL-PL565-68QC-R Datasheet
558Kb / 12P
   Analog Frequency Multiplier
More results

Similar Description - PL565-08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com