Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1162LLETR-00-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1162LLETR-00-T
Description  Programmable Precision Hall-Effect Switch with Advanced Diagnostics
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1162LLETR-00-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1162LLETR-00-T Datasheet HTML 6Page - Allegro MicroSystems A1162LLETR-00-T Datasheet HTML 7Page - Allegro MicroSystems A1162LLETR-00-T Datasheet HTML 8Page - Allegro MicroSystems A1162LLETR-00-T Datasheet HTML 9Page - Allegro MicroSystems A1162LLETR-00-T Datasheet HTML 10Page - Allegro MicroSystems A1162LLETR-00-T Datasheet HTML 11Page - Allegro MicroSystems A1162LLETR-00-T Datasheet HTML 12Page - Allegro MicroSystems A1162LLETR-00-T Datasheet HTML 13Page - Allegro MicroSystems A1162LLETR-00-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Programmable Precision Hall-Effect
Switch with Advanced Diagnostics
A1162
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000;
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Operation
The output of these devices switches low (turns on) when a mag-
netic field perpendicular to the Hall sensor exceeds the operate
point threshold, BOP (see Figure 1). After turn-on, the output is
capable of sinking 25 mA and the output voltage is VOUT(SAT).
When the magnetic field is reduced below the release point (BRP)
the device output goes high (turns off). The difference in the
magnetic operate and release points is the hysteresis (BHYS) of
the device. This built-in hysteresis allows clean switching of the
output, even in the presence of external mechanical vibration and
electrical noise.
Powering-on the device in the hysteresis range, less than BOP and
higher than BRP, results in a HIGH output state. The correct state
is attained after the first excursion beyond BOP or BRP. The output
will not switch until there is a valid transition beyond BOP or BRP.
Power-On Sequence and Timing
The output states are only valid when the supply voltage is within
the specified operating range (VCC(MIN) ≤ VCC ≤ VCC(MAX)) and
the power-on time has elapsed (t > tON). Refer to Figure 2 for an
illustration of the power-on sequence.
Once the supply voltage is within the operational range, the
output will be in the low state (power-on state), irrespective of
the magnetic field. The output will remain low until the sensor is
fully powered on (t > tON), at which point, the output will respond
to the corresponding magnetic field presented to the sensor.
V+
0
0
B+
V
CC
V
OUT(SAT)
B
HYS
Figure 1: Switching Behavior of Unipolar Switches
On the horizontal axis, the B+ direction indicates increasing south
polarity magnetic field strength.
Output Responds According
to Magnetic Field Input
B > BOP or B < BRP
t > tON(MAX)
V
time
time
V
VOUT(OFF)
VCC(MIN)
tON
0
0
VCC
Output Undefined for
VCC< VCC(MIN)
VOUT(ON)
Figure 2: Power-On Sequence and Timing


Similar Part No. - A1162LLETR-00-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1160 ALLEGRO-A1160 Datasheet
306Kb / 13P
   Chopper-Stabilized Precision Hall Effect Switch With Advanced Diagnostics
A1160 ALLEGRO-A1160_16 Datasheet
815Kb / 13P
   Chopper-Stabilized Precision Hall-Effect Switch With Advanced Diagnostics
logo
ITT Industries
A116132A2NCNB ITT-A116132A2NCNB Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
A116132A2NCNBE ITT-A116132A2NCNBE Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
A116132A2NCNQ ITT-A116132A2NCNQ Datasheet
371Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
More results

Similar Description - A1162LLETR-00-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1160 ALLEGRO-A1160 Datasheet
306Kb / 13P
   Chopper-Stabilized Precision Hall Effect Switch With Advanced Diagnostics
A1160 ALLEGRO-A1160_16 Datasheet
815Kb / 13P
   Chopper-Stabilized Precision Hall-Effect Switch With Advanced Diagnostics
APS11450 ALLEGRO-APS11450 Datasheet
1Mb / 24P
   Three-Wire Hall-Effect Switch with Advanced Diagnostics
APS11800 ALLEGRO-APS11800 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Switch with Advanced Diagnostics
March 24, 2020
APS12450 ALLEGRO-APS12450 Datasheet
1Mb / 23P
   Three-Wire Hall-Effect Latch with Advanced Diagnostics
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
A1130 ALLEGRO-A1130 Datasheet
980Kb / 24P
   Two-Wire Unipolar Vertical Hall-Effect Switches with Advanced Diagnostics
A1342 ALLEGRO-A1342 Datasheet
1Mb / 48P
   Programmable Linear Hall IC with Advanced Diagnostics for Safety-Critical Applications
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com