Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1335 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1335
Description  Precision Hall-Effect Angle Sensor IC with I 2C, SPI, and SENT Interfaces
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1335 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1335 Datasheet HTML 1Page - Allegro MicroSystems A1335 Datasheet HTML 2Page - Allegro MicroSystems A1335 Datasheet HTML 3Page - Allegro MicroSystems A1335 Datasheet HTML 4Page - Allegro MicroSystems A1335 Datasheet HTML 5Page - Allegro MicroSystems A1335 Datasheet HTML 6Page - Allegro MicroSystems A1335 Datasheet HTML 7Page - Allegro MicroSystems A1335 Datasheet HTML 8Page - Allegro MicroSystems A1335 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Precision Hall-Effect Angle Sensor IC
with I2C, SPI, and SENT Interfaces
A1335
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Continued on the next page…
OPERATING CHARACTERISTICS: Valid throughout full operating voltage and ambient temperature ranges, unless other-
wise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Electrical Characteristics
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
ICC
15
20
mA
VCC Low Flag Threshold
VCCLOW(TH)
4.4
4.55
4.75
V
Supply Zener Clamp Voltage
VZSUP
IZCC = ICC + 3 mA, TA = 25°C
26.5
V
Reverse Battery Voltage
VRCC
IRCC = –3 mA, TA = 25°C
–18
V
Power-On Time3,4
tPO
TA = 25°C
2
40
ms
SPI Interface Specifications5
Digital Input High Voltage3
VIH
MOSI, SCLK, ¯C¯¯S¯ pins
2.8
3.63
V
Digital Input Low Voltage3
VIL
MOSI, SCLK, ¯C¯¯S¯ pins
0.5
V
SPI Output High Voltage
VOH
MISO pins, TA = 25°C
2.93
3.3
3.69
V
SPI Output Low Voltage
VOL
MISO pins
0.3
V
SPI Clock Frequency3
fSCLK
MISO pins, CL = 50 pF
0.1
10
MHz
Chip Select to First SCLK Edge3
tCS
Time from¯C¯¯S¯ going low to SCLK falling edge
50
ns
Data Output Valid Time3
tDAV
Data output valid after SCLK falling edge
45
ns
MOSI Setup Time3
tSU
Input setup time before SCLK rising edge
10
ns
MOSI Hold Time3
tHD
Input hold time after SCLK rising edge
50
ns
SCLK to ¯C¯¯S¯ Hold Time3
tCHD
Hold SCLK high time before¯C¯¯S¯ rising edge
5
ns
Load Capacitance3
CL
Loading on digital output (MISO) pin
50
pF
I2C Interface Specifications (VPU = 3.3 V on SDA and SCL pins)
Bus Free Time Between Stop
and Start3
tBUF
1.3
µs
Hold Time Start Condition3
tHD(STA)
0.6
µs
Setup Time for Repeated Start
Condition3
tSU(STA)
0.6
µs
SCL Low Time3
tLOW
1.3
µs
SCL High Time3
tHIGH
0.6
µs
Data Setup Time3
tSU(DAT)
100
ns
Data Hold Time3
tHD(DAT)
0
900
ns
Setup Time for Stop Condition3
tSU(STO)
0.6
µs
Logic Input Low Level (SDA and
SCL pins)13
VIL(I2C)
0.9
V
Logic Input High Level (SDA and
SCL pins)
VIH(I2C)
2.1
3.63
V


Similar Part No. - A1335

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1330 ALLEGRO-A1330 Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-DD-T ALLEGRO-A1330LLETR-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-DD-T ALLEGRO-A1330LLETR-P-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-T ALLEGRO-A1330LLETR-P-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-T ALLEGRO-A1330LLETR-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
More results

Similar Description - A1335

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1337 ALLEGRO-A1337 Datasheet
1Mb / 37P
   Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1338 ALLEGRO-A1338 Datasheet
1Mb / 33P
   Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1334 ALLEGRO-A1334 Datasheet
954Kb / 20P
   Precision Hall-Effect Angle Sensor IC
A1332 ALLEGRO-A1332 Datasheet
979Kb / 20P
   Precision Hall Effect Angle Sensor IC with I2C Interface
logo
Micronas
HAL2830 MICRONAS-HAL2830 Datasheet
254Kb / 2P
   Linear Hall-Effect Sensor with SENT Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
   High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Allegro MicroSystems
A1343 ALLEGRO-A1343 Datasheet
2Mb / 53P
   High-Precision, Highly Programmable Linear Hall-Effect Sensor IC with EEPROM, Output Protocols SENT and PWM, and Advanced Output Linearization
logo
Texas Instruments
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com