Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4450 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A4450
Description  Buck-Boost Controller with Integrated Buck MOSFET
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4450 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A4450 Datasheet HTML 2Page - Allegro MicroSystems A4450 Datasheet HTML 3Page - Allegro MicroSystems A4450 Datasheet HTML 4Page - Allegro MicroSystems A4450 Datasheet HTML 5Page - Allegro MicroSystems A4450 Datasheet HTML 6Page - Allegro MicroSystems A4450 Datasheet HTML 7Page - Allegro MicroSystems A4450 Datasheet HTML 8Page - Allegro MicroSystems A4450 Datasheet HTML 9Page - Allegro MicroSystems A4450 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Buck-Boost Controller
with Integrated Buck MOSFET
A4450
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
ERROR AMPLIFIER
Open-Loop Voltage Gain
AVOL
65
dB
Transconductance
gmEA
550
750
950
µA/V
Output Current
IEA
±75
µA
Maximum Output Voltage,
Buck-Boost Mode
VEAVO(max)BuckBoost
1.5
V
Maximum Output Voltage,
Buck Mode
VEAVO(max)Buck
1.2
V
Minimum Output Voltage
VEAVO(min)
150
220
290
mV
BOOST MOSFET (LG) GATE DRIVER
LG High Output Voltage
VLG(ON)
VIN = 7 V
5.0
8.0
V
LG Low Output Voltage
VLG(OFF)
VIN = 13.5 V
0.4
V
LG Source Current1
ILG(ON)
VLG = 1 V
−265
mA
LG Sink Current1
ILG(OFF)
VLG = 1 V
500
mA
SOFT-START
SS PWM Frequency Foldback
(Linear)
fSW(SS)
VFB = 0 V
0.12 ×
fOSC
VFB = 0.2 V
0.43 ×
fOSC
VFB = 0.6 V
0.93 ×
fOSC
VFB = 0.8 V
fOSC
Switching Frequency in SYNC Mode
with Applied Frequency fSYNC
fSW(SYNC)
0 V < VFB < 0.2 V
fSYNC/4
0.2 V < VFB < 0.4 V
fSYNC/2
0.4 V < VFB
fSYNC
HICCUP MODE
Hiccup OCP PWM Counts
tHIC(OCP)
VFB < 0.4 V (typical), VCOMP = VEAVO(max)
30
PWM
cycles
VFB > 0.4 V (typical), VCOMP = VEAVO(max)
120
PWM
cycles
Hiccup Mode Recovery Time
tHIC(RECOVER)
LX switching stops to LX switching starts, during
overcurrent
3.0
5.6
ms
CURRENT PROTECTIONS
Pulse-by-Pulse Current Limit,
Buck-Boost Mode
ILIM(BuckBoost)
Buck-Boost mode
3.9
4.5
5.1
A
Pulse-by-Pulse Current Limit,
Buck Mode
ILIM(Buck)
Buck mode
2.4
2.8
3.4
A
LX Short-Circuit Current Limit
ILIM(LX)
6.3
7.4
8.5
A
MISSING BUCK DIODE (D1) PROTECTION
Detection Level2
VD(OPEN)
−1.6
−1.4
−1.1
V
Time Filtering 2
tD(OPEN)
50
250
ns
ELECTRICAL CHARACTERISTICS (continued): Valid at 3 V ≤ VIN ≤ 36 V and VIN having first reached VINSTART,
‒40°C ≤ TJ ≤ 150°C, unless noted otherwise
Continued on the next page…


Similar Part No. - A4450

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A44 JIANGSU-A44 Datasheet
294Kb / 3P
   TRANSISTOR竊?NPN 竊
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
510Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
A44 SECOS-A44 Datasheet
314Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
logo
Daya Electric Group Co....
A44 DAYA-A44 Datasheet
264Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
A44 HTSEMI-A44 Datasheet
178Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - A4450

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV1022E THINE-THV1022E Datasheet
16Kb / 1P
   2ch Buck/Boost Controller
logo
Rohm
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
   Synchronous Buck-Boost Controller
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
logo
Renesas Technology Corp
ISL78205 RENESAS-ISL78205 Datasheet
1Mb / 19P
   2.5A Buck Controller with Integrated High-Side MOSFET
logo
Intersil Corporation
ISL78205 INTERSIL-ISL78205 Datasheet
707Kb / 16P
   2.5A Buck Controller with Integrated High-Side MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com