Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6274 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A6274
Description  Linear Current Regulator and Controller for Automotive LED Arrays
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6274 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A6274 Datasheet HTML 1Page - Allegro MicroSystems A6274 Datasheet HTML 2Page - Allegro MicroSystems A6274 Datasheet HTML 3Page - Allegro MicroSystems A6274 Datasheet HTML 4Page - Allegro MicroSystems A6274 Datasheet HTML 5Page - Allegro MicroSystems A6274 Datasheet HTML 6Page - Allegro MicroSystems A6274 Datasheet HTML 7Page - Allegro MicroSystems A6274 Datasheet HTML 8Page - Allegro MicroSystems A6274 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Linear Current Regulator and Controller
for Automotive LED Arrays
A6274, A6274-1
A6284, A6284-1
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS3
Characteristic
Symbol
Notes
Rating
Unit
VIN, OUT, DR, EN1, EN2, COMP, FFn
VIN, VOUT,
VCOMP, VDR,
VEN1, VEN2, VFFn
−0.3 to 45
V
GATE
VGATE
Max of (–0.3 or
VIN – 9) to 45
V
LED1 to LED6
VLEDx
−0.5 to 45
V
All other pins
−0.3 to 6.5
V
Junction Temperature
TJ
−40 to 150
°C
Transient Junction Temperature
TJt
Overtemperature event not exceeding 10 seconds, lifetime
duration not exceeding 10 hours, determined by design
characterization.
175
°C
Storage Temperature Range
Tstg
−55 to 150
°C
3
Stresses beyond those listed in this table may cause permanent damage to the device. The absolute maximum ratings are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in the Electrical Characteristics table is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions4
Value
Unit
Junction-to-Ambient Thermal Resistance
RθJA
Estimated, on 4-layer PCB based on JEDEC standard
29
°C/W
4
Additional thermal information available on the Allegro website.
SELECTION GUIDE
Part Number
ILED(MAX)
FAULT Response
(see Table 2 for details)
Package
Packing1
A6274KLPTR-T
60 mA per channel
Unlatched MODE0
20-pin eTSSOP with thermal pad 4,000 pieces per 13-in. reel
A6284KLPTR-T
120 mA per channel
Unlatched MODE0
A6274KLPTR-1-T
60 mA per channel
Latched MODE1
A6284KLPTR-1-T
120 mA per channel
Latched MODE1
1
Contact Allegrofor additional packing options.
SPECIFICATIONS
A GATE pin is provided to drive an external P-channel MOSFET,
whichservesasanactiveballastresistortoreducetheheatdissipation
within the IC package. It also serves as an input disconnect switch
in the event of an LED string short-to-ground fault.
The A6274 and A6284 provide a non-latching option while the
A6274-1 and A6284-1 provide a latching option.
DESCRIPTION (continued)


Similar Part No. - A6274

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6274

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
NCV7681 ONSEMI-NCV7681 Datasheet
201Kb / 16P
   100 mA Linear Current Regulator and Controller for Automotive LED Lighting
November, 2016 ??Rev. 1
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
logo
Diodes Incorporated
AL8400 DIODES-AL8400_V01 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Rohm
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com