Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1193LUBTN-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A1193LUBTN-T
Description  Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1193LUBTN-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A1193LUBTN-T Datasheet HTML 7Page - Allegro MicroSystems A1193LUBTN-T Datasheet HTML 8Page - Allegro MicroSystems A1193LUBTN-T Datasheet HTML 9Page - Allegro MicroSystems A1193LUBTN-T Datasheet HTML 10Page - Allegro MicroSystems A1193LUBTN-T Datasheet HTML 11Page - Allegro MicroSystems A1193LUBTN-T Datasheet HTML 12Page - Allegro MicroSystems A1193LUBTN-T Datasheet HTML 13Page - Allegro MicroSystems A1193LUBTN-T Datasheet HTML 14Page - Allegro MicroSystems A1193LUBTN-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Programmable, Chopper-Stabilized,
Two-Wire Hall-Effect Switches
A119x and A119x-F
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 3. Chopper stabilization circuit (Dynamic Quadrature Offset Cancellation)
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed
across the Hall element. This voltage is disproportionally small
relative to the offset that can be produced at the output of the
Hall sensor IC. This makes it difficult to process the signal while
maintaining an accurate, reliable output over the specified oper-
ating temperature and voltage ranges. Chopper stabilization is
a unique approach used to minimize Hall offset on the chip. The
patentedAllegrotechnique,namelyDynamicQuadratureOffset
Cancellation, removes key sources of the output drift induced by
thermal and mechanical stresses. This offset reduction technique
is based on a signal modulation-demodulation process. The
undesired offset signal is separated from the magnetic field-
induced signal in the frequency domain, through modulation.
The subsequent demodulation acts as a modulation process for
the offset, causing the magnetic field-induced signal to recover
itsoriginalspectrumatbaseband,whiletheDCoffsetbecomes
a high-frequency signal. The magnetic-sourced signal then can
passthroughalow-passfilter,whilethemodulatedDCoffsetis
suppressed. The chopper stabilization technique uses a 350 kHz
high frequency clock. For demodulation process, a sample and
hold technique is used, where the sampling is performed at twice
the chopper frequency. This high-frequency operation allows
a greater sampling rate, which results in higher accuracy and
faster signal-processing capability. This approach desensitizes
the chip to the effects of thermal and mechanical stresses, and
produces devices that have extremely stable quiescent Hall out-
put voltages and precise recoverability after temperature cycling.
This technique is made possible through the use of a BiCMOS
process, which allows the use of low-offset, low-noise amplifiers
in combination with high-density logic integration and sample-
and-hold circuits.


Similar Part No. - A1193LUBTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1193LUBTN-T ALLEGRO-A1193LUBTN-T Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1193LUBTN-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com