Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8652 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A8652
Description  Wide Input Voltage, Synchronous USB Buck Regulator with Remote Load Regulation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8652 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A8652 Datasheet HTML 1Page - Allegro MicroSystems A8652 Datasheet HTML 2Page - Allegro MicroSystems A8652 Datasheet HTML 3Page - Allegro MicroSystems A8652 Datasheet HTML 4Page - Allegro MicroSystems A8652 Datasheet HTML 5Page - Allegro MicroSystems A8652 Datasheet HTML 6Page - Allegro MicroSystems A8652 Datasheet HTML 7Page - Allegro MicroSystems A8652 Datasheet HTML 8Page - Allegro MicroSystems A8652 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Wide Input Voltage, Synchronous USB Buck Regulator
with Remote Load Regulation
A8652,
A8653
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package LP, 16-Pin eTSSOP Pinout Diagram
Terminal List Table
Symbol
Number
Function
EN
1
Enable input. This pin is used to turn the converter on or off: set this pin high to turn the converter on or set this pin low to
turn the converter off. May be connected to VIN.
VIN
2
Power input for the control circuits and the drain of the internal high-side N-channel MOSFET. A high quality ceramic
capacitor should be placed very close to this pin.
SS
3
Soft-Start pin. Connect a capacitor, CSS, from this pin to GND to set the soft-start time. This capacitor also determines
the hiccup period during overcurrent.
GADJ
4
This pin is used to set the gain of the differential current sense amplifier with ISEN+/ISEN– pins. A resistor from this pin
to GND set the amplifier gain. Together with load sense resistor, it sets the desired voltage correction at the specified
load condition. Grounding GADJ disables Remote Load Regulation function.
FB
5
Feedback (negative) input to the error amplifier. Connect a resistor divider from the converter output node (VOUT) to this
pin to program the output voltage.
IADJ
6
Active current limit adjust pin. A resistor from this pin to GND sets the current limit. When the load current exceeds this
limit, the output voltage will decrease at the predefined slope.
SGND
7
Signal (quiet) GND.
COMP
8
Output of the error amplifier and compensation node for the control loop. Connect a series RC network from this pin to
GND for loop compensation.
SYNC/FSET
9
Frequency setting and synchronization pin. A resistor, RFSET, from this pin to GND sets the PWM switching frequency.
POK
10
Power OK output signal. This pin is an open-drain output that transitions from low impedance to high impedance when
the output is within the final regulation voltage and no load side current limit exists.
ISEN–
11
Negative current-sensing pin to the internal current sense amplifier, connected to the load side of the external current
sensing resistor.
ISEN+
12
Positive current-sensing pin to the internal current sense amplifier, connected to the inductor side of the external current
sensing resistor.
PGND
13, 14
Power GND.
SW
115
The source of the high-side N-channel MOSFET. The output inductor (LO) should be connected to this pin. LO should be
placed as close as possible to this pin and connected with relatively wide traces.
BOOT
16
High-side gate drive boost input. Connect a 100 nF ceramic capacitor from BOOT to SW.
PAD
Exposed pad of the package providing enhanced thermal dissipation. This pad must be connected to the ground
plane(s) of the PCB with at least 6 vias, directly in the pad.
PAD
16
1
EN
BOOT
15
2
VIN
SW
14
3
SS
PGND
13
4
GADJ
PGND
12
5
FB
ISEN+
11
6
IADJ
ISEN–
10
7
SGND
POK
9
8
COMP
SYNC/FSET
PINOUT DIAGRAM AND TERMINAL LIST TABLE


Similar Part No. - A8652

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8650 ALLEGRO-A8650 Datasheet
2Mb / 31P
   Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650KEJTR-T ALLEGRO-A8650KEJTR-T Datasheet
2Mb / 31P
   Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8650KLYTR-T ALLEGRO-A8650KLYTR-T Datasheet
2Mb / 31P
   Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8651 ALLEGRO-A8651 Datasheet
1Mb / 34P
   Low Input Voltage, Adjustable Frequency Dual Synchronous 2A / 2A Buck Regulator with Synchronization, 2x EN, and 2x NPOR
A8651KLPTR-T ALLEGRO-A8651KLPTR-T Datasheet
1Mb / 34P
   Low Input Voltage, Adjustable Frequency Dual Synchronous 2A / 2A Buck Regulator with Synchronization, 2x EN, and 2x NPOR
More results

Similar Description - A8652

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC2176 MICREL-MIC2176 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck
logo
International Rectifier
IR3812MPBF IRF-IR3812MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822MPBF IRF-IR3822MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MPBF IRF-IR3876MPBF Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821AMPBF IRF-IR3821AMPBF_08 Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com