Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6284KLPTR-1-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A6284KLPTR-1-T
Description  Linear Current Regulator and Controller for Automotive LED Arrays
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6284KLPTR-1-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A6284KLPTR-1-T Datasheet HTML 6Page - Allegro MicroSystems A6284KLPTR-1-T Datasheet HTML 7Page - Allegro MicroSystems A6284KLPTR-1-T Datasheet HTML 8Page - Allegro MicroSystems A6284KLPTR-1-T Datasheet HTML 9Page - Allegro MicroSystems A6284KLPTR-1-T Datasheet HTML 10Page - Allegro MicroSystems A6284KLPTR-1-T Datasheet HTML 11Page - Allegro MicroSystems A6284KLPTR-1-T Datasheet HTML 12Page - Allegro MicroSystems A6284KLPTR-1-T Datasheet HTML 13Page - Allegro MicroSystems A6284KLPTR-1-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Linear Current Regulator and Controller
for Automotive LED Arrays
A6274, A6274-1
A6284, A6284-1
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 4: Typical Start Sequence with VIN
VIN
EN1 = EN 2
VBIAS
VOUT
FFn
VLEDx(NORMAL)
ILEDx(NORMAL)
ILEDx(DISABLED)
VLEDx(DISABLED)
ILEDx(TOTAL)
VBIASSTART
AB
CD
FULL MODE
DIM MODE
tLEDdet
VLEDreg
ILEDsrc
VLEDx(NULL)
ILED(PEAK) total
ILEDsrc
ILED(PEAK) / Channel
> VLEDx(NULL)
VIN MIN


Similar Part No. - A6284KLPTR-1-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280EA-T ALLEGRO-A6280EA-T Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280EESTR-T ALLEGRO-A6280EESTR-T Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
More results

Similar Description - A6284KLPTR-1-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
NCV7681 ONSEMI-NCV7681 Datasheet
201Kb / 16P
   100 mA Linear Current Regulator and Controller for Automotive LED Lighting
November, 2016 ??Rev. 1
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
logo
Diodes Incorporated
AL8400 DIODES-AL8400_V01 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Rohm
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com