Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS722KMA Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ACS722KMA
Description  High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS722KMA Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ACS722KMA Datasheet HTML 2Page - Allegro MicroSystems ACS722KMA Datasheet HTML 3Page - Allegro MicroSystems ACS722KMA Datasheet HTML 4Page - Allegro MicroSystems ACS722KMA Datasheet HTML 5Page - Allegro MicroSystems ACS722KMA Datasheet HTML 6Page - Allegro MicroSystems ACS722KMA Datasheet HTML 7Page - Allegro MicroSystems ACS722KMA Datasheet HTML 8Page - Allegro MicroSystems ACS722KMA Datasheet HTML 9Page - Allegro MicroSystems ACS722KMA Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS722KMA
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
xKMATR-10AB PERFORMANCE CHARACTERISTICS
: TA Range K, valid at TA = – 40°C to 125°C, VCC = 3.3 V, unless
otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
Nominal Performance
Current Sensing Range
IPR
–10
10
A
Sensitivity
Sens
IPR(min) < IP < IPR(max)
132
mV/A
Zero Current Output Voltage
VIOUT(Q)
Bidirectional; IP = 0 A
VCC x
0.5
V
Accuracy Performance
Total Output Error2
ETOT
IP = IPR(max), TA = 25°C to 125°C
–2.5
±1.7
2.5
%
IP = IPR(max), TA = –40°C to 25°C
±2.5
%
Total Output Error Components 3: ETOT = ESENS + 100 × VOE/(Sens × IP)
Sensitivity Error
ESENS
TA = 25°C to 125°C; measured at IP = IPR(max)
–2
±1.5
2
%
TA = –40°C to 25°C; ; measured at IP = IPR(max)
±2.3
%
Offset Voltage4
VOE
IP = 0 A; TA = 25°C to 125°C
–15
±7
15
mV
IP = 0 A; TA = -40°C to 25°C
±20
mV
Lifetime Drift Characteristics
Sensitivity Error Lifetime Drift
Esens_drift
±1
%
Total Output Error Lifetime
Drift
Etot_drift
±1
%
1
Typical values with +/- are 3 sigma values.
2
Percentage of IP, with IP = IPR(max)
3
A single part will not have both the maximum/minimum sensitivity error and maximum/minimum offset voltage, as that would violate the maximum/minimum total output
error specification. Also, 3 sigma distribution values are combined by taking the square root of the sum of the squares. See Application Information section.
4
Offset Voltage does not incorporate any error due to external magnetic fields. See section: Impact of External Magnetic Fields.


Similar Part No. - ACS722KMA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722LLCTR-05AB-T2 ALLEGRO-ACS722LLCTR-05AB-T2 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722LLCTR-10AB-T2 ALLEGRO-ACS722LLCTR-10AB-T2 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722LLCTR-10AU-T ALLEGRO-ACS722LLCTR-10AU-T Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722LLCTR-10AU-T2 ALLEGRO-ACS722LLCTR-10AU-T2 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
More results

Similar Description - ACS722KMA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS724LMA ALLEGRO-ACS724LMA Datasheet
762Kb / 23P
   Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
   High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
   High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
   High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
ACS720 ALLEGRO-ACS720 Datasheet
1Mb / 35P
   High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com