Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS722KMA Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ACS722KMA
Description  High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS722KMA Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ACS722KMA Datasheet HTML 5Page - Allegro MicroSystems ACS722KMA Datasheet HTML 6Page - Allegro MicroSystems ACS722KMA Datasheet HTML 7Page - Allegro MicroSystems ACS722KMA Datasheet HTML 8Page - Allegro MicroSystems ACS722KMA Datasheet HTML 9Page - Allegro MicroSystems ACS722KMA Datasheet HTML 10Page - Allegro MicroSystems ACS722KMA Datasheet HTML 11Page - Allegro MicroSystems ACS722KMA Datasheet HTML 12Page - Allegro MicroSystems ACS722KMA Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS722KMA
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CHARACTERISTIC PERFORMANCE
Zero Current Output Voltage vs. Temperature
Offset Voltage vs. Temperature
Sensitivity vs. Temperature
Nonlinearity vs. Temperature
Total Error at I
vs. Temperature
PR(max)
Sensitivity Error vs. Temperature
25
20
15
10
5
0
-10
-5
-15
-20
Temperature (ºC)
-50
-50
-50
-50
-50
-50
0
0
0
0
0
0
50
50
50
50
50
50
100
100
100
100
100
100
150
150
150
150
150
150
Temperature (ºC)
1630
1635
1640
1645
1650
1665
1655
1670
1660
1675
Temperature (ºC)
129
130
131
132
133
134
135
136
137
Temperature (ºC)
-2.00
-1.00
0.00
1.00
2.00
3.00
4.00
Temperature (ºC)
-2.00
-1.00
0.00
1.00
2.00
3.00
4.00
Temperature (ºC)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.5
1.0
2.0
+3 Sigma
Average
-3 Sigma
xKMATR-10AB Key Parameters


Similar Part No. - ACS722KMA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS722 ALLEGRO-ACS722 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722LLCTR-05AB-T2 ALLEGRO-ACS722LLCTR-05AB-T2 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722LLCTR-10AB-T2 ALLEGRO-ACS722LLCTR-10AB-T2 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722LLCTR-10AU-T ALLEGRO-ACS722LLCTR-10AU-T Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
ACS722LLCTR-10AU-T2 ALLEGRO-ACS722LLCTR-10AU-T2 Datasheet
692Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
More results

Similar Description - ACS722KMA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS724LMA ALLEGRO-ACS724LMA Datasheet
762Kb / 23P
   Automotive Grade, High-Accuracy, Hall-Effect-Based Current Sensor IC with Common-Mode Field Rejection in High-Isolation SOIC16 Package
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
   High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
   High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
   High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
   High-Accuracy Hall-Effect Transmission Speed Sensor IC
ACS720 ALLEGRO-ACS720 Datasheet
1Mb / 35P
   High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com