Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL102-10TI-R Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # PL102-10TI-R
Description  Low Skew Output Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL102-10TI-R Datasheet(HTML) 7 Page - Micrel Semiconductor

  PL102-10TI-R Datasheet HTML 1Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 2Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 3Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 4Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 5Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 6Page - Micrel Semiconductor PL102-10TI-R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PL102-10
Low Skew Output Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 2/5/09 Page 7
ORDERING INFORM ATION (GREEN PACKAGE COM PLIANT)
Micrel Inc., reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Micrel
is believed to be accurate and reliable. However, Micrel makes no guarantee or warranty concerning the accuracy of said info rmation and shall not be
responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Micrel’s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President of Micre l Inc.
For part ordering, please contact our Sales Department:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PL102-10 X X - X
Part / Order Number
Marking*
Package Option
PL102-10SC
P102-10
SC
LLL
8-Pin SOP (Tube)
PL102-10SC-R
P102-10
SC
LLL
8-Pin SOP (Tape and Reel)
PL102-10SI
P102-10
SI
LLL
8-Pin SOP (Tube)
PL102-10SI-R
P102-10
SI
LLL
8-Pin SOP (Tape and Reel)
PL102-10TC-R
C10A0
LLL
6-Pin SOT (Tape and Reel)
PL102-10TI-R
C10A0
LLLI
6-Pin SOT (Tape and Reel)
*Note:
LLL designates lot number
PART NUMBER
TEMPERATURE
C=COMMERCIAL (0°C to 70°C)
I=INDUSTRIAL (-40°C to 85°C)
PACKAGE TYPE
S= SOP-8L
T= SOT23-6L
NONE= TUBE
R=TAPE AND REEL


Similar Part No. - PL102-10TI-R

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
PL102-1Y1G01131 P-TEC-PL102-1Y1G01131 Datasheet
31Kb / 1P
   PL102 Series 1.8mm Miniature Bi-Level LED Holder
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113_14 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
More results

Similar Description - PL102-10TI-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
   Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
   Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
   Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
   Low Skew Output Buffer
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
   Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
   Low Skew Output Buffer
logo
Abracon Corporation
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
   Low Skew Output Buffer
03/21/05
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
   Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
   Low Skew Output Buffer
2019
logo
Integrated Circuit Syst...
ICS9112-28 ICST-ICS9112-28 Datasheet
87Kb / 3P
   Low Skew Output Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com