Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLVA02V05C033-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # MLVA02V05C033-R
Description  Multilayer varistor ESD suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MLVA02V05C033-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  MLVA02V05C033-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MLVA02V05C033-R Datasheet HTML 2Page - Cooper Bussmann, Inc. MLVA02V05C033-R Datasheet HTML 3Page - Cooper Bussmann, Inc. MLVA02V05C033-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MLVA02V05C033-R Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data
10493
Effective February 2016
MLVA-R
Multilayer varistor ESD suppressor
www.eaton.com/elx
Wave solder profile
Reflow soldering not recommended
Reference EN 61760-1:2006
Profile Feature
Standard SnPb Solder
Lead (Pb) Free Solder
Preheat
• Temperature min. (Tsmin)
100°C
100°C
• Temperature typ. (Tstyp)
120°C
120°C
• Temperature max. (Tsmax)
130°C
130°C
• Time (Tsmin to Tsmax) (ts)
70 seconds
70 seconds
D preheat to max Temperature
150°C max.
150°C max.
Peak temperature (TP)*
235°C – 260°C
250°C – 260°C
Time at peak temperature (tp)
10 seconds max
5 seconds max each wave
10 seconds max
5 seconds max each wave
Ramp-down rate
~ 2 K/s min
~3.5 K/s typ
~5 K/s max
~ 2 K/s min
~3.5 K/s typ
~5 K/s max
Time 25°C to 25°C
4 minutes
4 minutes
Manual solder
350°C, 4-5 seconds (by soldering iron), generally manual hand soldering is not recommended.
Time
Tsmin
Tsmax
Tstyp
Tp
tp
First Wave
Second Wave
Preheat area
Cool down area


Similar Part No. - MLVA02V05C033-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MLVA02V05C033-R EATON-MLVA02V05C033-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
More results

Similar Description - MLVA02V05C033-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
   Multilayer Varistor for ESD pulse
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603 Datasheet
315Kb / 4P
   Multilayer Polymer ESD Suppressor
logo
GOOD-ARK Electronics
ESLP2510V05 GOOD-ARK-ESLP2510V05_15 Datasheet
172Kb / 3P
   Multilayer Polymer ESD Suppressor
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603_12 Datasheet
405Kb / 4P
   Multilayer Polymer ESD Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com