Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20D16 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # 20D16
Description  D and DO fuse links and bases
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

20D16 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button 20D16 Datasheet HTML 4Page - Cooper Bussmann, Inc. 20D16 Datasheet HTML 5Page - Cooper Bussmann, Inc. 20D16 Datasheet HTML 6Page - Cooper Bussmann, Inc. 20D16 Datasheet HTML 7Page - Cooper Bussmann, Inc. 20D16 Datasheet HTML 8Page - Cooper Bussmann, Inc. 20D16 Datasheet HTML 9Page - Cooper Bussmann, Inc. 20D16 Datasheet HTML 10Page - Cooper Bussmann, Inc. 20D16 Datasheet HTML 11Page - Cooper Bussmann, Inc. 20D16 Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Technical Data 4124
Effective March 2015
Bussmann series
D and DO fuse links and bases
EATON www.eaton.com
Catalogue symbol - Type DO fuse links
Fuse link size
Time-delay
Ultra-rapid
D01
(amp)NZ01
(amp)NZ01R
D02
(amp)NZ02
(amp)NZ02R
D03
(amp)NZ03
N/A
Fuse size:
D01, D02 and D03
Technical data:
Volts: 400 V a.c.
Amps: 2 to 100 A
Breaking capacity: 50 kA
Operation class
Time-delay
Ultra-rapid
Standards/Approvals:
IEC 60269 and DIN 49515
Fuse bases and accessories (ordered separately)
CN01, CN02 and CN03 screw cap fuse link carriers
FRN01C and FRN02C single pole base
TFRN01C and TFRN02C three pole base
GN01 and GN02 gauge pieces
D0-GPK gauge piece key
Packaging:
10 per carton
Weight:
NZ01: 6 grams
NZ02: 11 - 15 grams
NZ03: 35 grams
Table 7. Technical data
Current (Amps)
I2t (Amp2 seconds)
Nominal watts loss
2
33
0.8
4
52
1.1
6
100
1.2
10
160
1.1
16
460
1.7
20
1100
1.7
25
2000
2.3
35
4700
2.8
50
7800
3.8
63
12300
5
Dimensions - mm
See catalogue numbers table for dimension
A.
Use with fuse
base E14
Use with fuse
base E18
Table 8. Type D0 fuse link catalogue numbers
Fuse linki catalogue numbers/operating
characteristics
Gauge ring colour
To fit screw cap/
fuse size
Current (Amps)
Voltage (V a.c.)
 A dimensions
Time-delay
Ultra-rapid
2NZ01
2NZ01R
Pink
CN01/D01
2
400
7.3
4NZ01
4NZ01R
Brown
CN01/D01
4
400
7.3
6NZ01
6NZ01R
Green
CN01/D01
6
400
7.3
10NZ01
10NZ01R
Red
CN01/D01
10
400
8.5
16NZ01
16NZ01R
Grey
CN01/D01
16
400
9.7
20NZ02
20NZ02R
Blue
CN02/D02
20
400
10.9
25NZ02
25NZ02R
Yellow
CN02/D02
25
400
12.1
35NZ02
35NZ02R
Black
CN02/D02
35
400
13.3
50NZ02
50NZ02R
White
CN02/D02
50
400
14.5
63NZ02
63NZ02R
Copper
CN02/D02
63
400
15.9
80NZ03
-
Silver
CN03/D03
80
400
21.4
100NZ03
-
Red
CN03/D03
100
400
21.4


Similar Part No. - 20D16

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
20D16 COOPER-20D16 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Ruilongyuan Electronics...
20D162K RUILON-20D162K Datasheet
769Kb / 7P
   Metal Oxide Varistors
logo
UN Semiconducctor INC
20D162K UNSEMI-20D162K Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D162KJ UNSEMI-20D162KJ Datasheet
3Mb / 7P
   Radial Lead Varistor (MOV)
Revision March 1,2022
20D162KJ2 UNSEMI-20D162KJ2 Datasheet
2Mb / 6P
   Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 20D16

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
TI600 COOPER-TI600 Datasheet
50Kb / 1P
   Indicator System and Fuse Bases (Blocks)
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
170H3003 COOPER-170H3003 Datasheet
59Kb / 1P
   Fuse Bases (Blocks)
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
Systemsensor advanced i...
B224RB SYSTEMSENSOR-B224RB Datasheet
112Kb / 2P
   Intelligent Relay and Isolator Bases
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com