Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP50C601 Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP50C601
Description  MIXED-SIGNAL PROCESSOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP50C601 Datasheet(HTML) 1 Page - Texas Instruments

  MSP50C601 Datasheet HTML 1Page - Texas Instruments MSP50C601 Datasheet HTML 2Page - Texas Instruments MSP50C601 Datasheet HTML 3Page - Texas Instruments MSP50C601 Datasheet HTML 4Page - Texas Instruments MSP50C601 Datasheet HTML 5Page - Texas Instruments MSP50C601 Datasheet HTML 6Page - Texas Instruments MSP50C601 Datasheet HTML 7Page - Texas Instruments MSP50C601 Datasheet HTML 8Page - Texas Instruments MSP50C601 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MSP50C601
MIXED-SIGNAL PROCESSOR
SPSS029A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Advanced, Integrated Speech Synthesizer
for High-Quality Sound.
D Operates up to 12.32 MHz (Performs up to
12 MIPS)
D Single Chip Solution for up to 24 Minutes of
Speech (Using 1.57 Mb of Onboard
Program + Data ROM)
D Supports High-Quality Synthesis
Algorithms Such as MELP, CELP, LPC,
ADPCM, and Polyphonic Music
D Simultaneous Speech Plus Music
Capabilities
D Very Low-Power Operation, Ideal for
Hand-Held Devices.
D Low-Voltage Operation, Sustainable by
Three Batteries
D Reduced Power Stand-By Modes, Less
Than 10
µA in Deep-Sleep Mode
D 640-Word RAM
D 32 I/O Pins Consisting of
– 24 General Purpose Bit Configurable I/O
– 8 Inputs With Programmable Pullup
Resistor And a Dedicated Interrupt
(Key-Scan)
D Direct Speaker Driver, 32 Ω (PDM)
D One-Bit Comparator With Edge-Detection
Interrupt Service
D Resistor-Trimmed Oscillator or 32.768 kHz
Crystal Reference Oscillator
D Serial Scan Port for In-Circuit Emulation
and Diagnostics
D The MSP50C601 Is Sold in Die Form or
100-Pin PJM Package.
D An Emulator Device Is Available in a
Ceramic Package for Development
description
The MSP50C601 is a low-cost, mixed-signal processor that combines a speech synthesizer, general-purpose
I/O, onboard ROM, and direct speaker drive in a single package. The computational unit utilizes a powerful new
DSP which gives the MSP50C601 unprecedented speed and computational flexibility compared with previous
devices of its type. The MSP50C601 supports a variety of speech and audio coding algorithms, providing a
range of options for speech duration and sound quality.
The device consists of a micro-DSP core, embedded program, and data memory, and a self-contained clock
generation system. General-purpose periphery is comprised of 32 bits of partially configurable I/O.
The core processor is a general-purpose 16-bit microcontroller with DSP capability. The basic core block
includes computational unit (CU), data address unit, program address unit, two timers, eight level interrupt
processor, and several system and control registers. The core processor gives the MSP50C601 break-point
capability in emulation.
The processor is Harvard type for efficient DSP algorithm execution. It requires separate program and data
memory blocks to permit simultaneous access. The ROM has a protection scheme to prevent third-party
pirating. It is configured in 32K 17-bit words.
The total ROM space is divided into three areas: 1) The lower 2K words are reserved by Texas Instruments for
a built-in self-test 2) The upper 30K words are for user program/data 3) An additional 1 Mb data ROM provides
for up to 24 minutes of speech.
The data memory is internal static RAM. The RAM is configured in 640 17-bit words. All memories are designed
to consume minimum power at a given system clock and algorithm acquisition frequency.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP50C601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP50C604 TI-MSP50C604 Datasheet
160Kb / 12P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C605 TI1-MSP50C605 Datasheet
124Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
More results

Similar Description - MSP50C601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP53C691 TI-MSP53C691 Datasheet
201Kb / 14P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C30 TI1-MSP50C30_07 Datasheet
177Kb / 11P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C605 TI1-MSP50C605 Datasheet
124Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C604 TI-MSP50C604 Datasheet
160Kb / 12P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C30 TI-MSP50C30 Datasheet
121Kb / 8P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
   Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
AD9860 AD-AD9860_15 Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9862 AD-AD9862_15 Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com