Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N2801A Datasheet(PDF) 4 Page - Keysight Technologies

Part # N2801A
Description  Infiniium Z-Series Oscilloscopes
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2801A Datasheet(HTML) 4 Page - Keysight Technologies

  N2801A Datasheet HTML 1Page - Keysight Technologies N2801A Datasheet HTML 2Page - Keysight Technologies N2801A Datasheet HTML 3Page - Keysight Technologies N2801A Datasheet HTML 4Page - Keysight Technologies N2801A Datasheet HTML 5Page - Keysight Technologies N2801A Datasheet HTML 6Page - Keysight Technologies N2801A Datasheet HTML 7Page - Keysight Technologies N2801A Datasheet HTML 8Page - Keysight Technologies N2801A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
04 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
With 63 GHz of bandwidth to capture rise
times as fast as 5 ps and recover clocks on
NRZ data rates as fast as 120 Gbit/s, the
Z-Series is the world’s fastest real-time
oscilloscope. Its four channels at 33 GHz
make it ideal for 32 Gb/s and greater
SERDES designs. In addition to providing
leading-edge bandwidth, the Z-Series
helps you to find your real edge, by
featuring the industry’s lowest noise and
jitter measurement floor, which means less
scope noise in your measurements and a
truer depiction of your signal.
Z-Series features the following
to enable extreme digital
analysis
1. Full offline analysis
2. Flexible user interface that supports
multiple displays and multi-touch
3. Two unique jitter separation
algorithms, including bounded
uncorrelated jitter (BUJ)
breakdown
4. Clock recovery on NRZ data rates
as fast as 120 Gb/s
5. Memory depth that captures
milliseconds of data at 160 GSa/s
The Oscilloscope — Digital Measurement and Analysis
Capture, display and measure multiple real-time eyes simultaneously with the Z-Series.
With its flat frequency response and low noise, the Z-Series is able to accurately measure jitter
components such as ISI.
With the 63 GHz bandwidth, the Z-Series is able to effectively characterize the time interval error
trend of high speed signals as well as fast rising edges, down to 5 ps.


Similar Part No. - N2801A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N2801A KEYSIGHT-N2801A Datasheet
4Mb / 44P
   Infiniium Z-Series Oscilloscopes
More results

Similar Description - N2801A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ594A KEYSIGHT-DSAZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ334A KEYSIGHT-DSOZ334A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ504A KEYSIGHT-DSAZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ592A KEYSIGHT-DSAZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ592A KEYSIGHT-DSOZ592A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ504A KEYSIGHT-DSOZ504A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSOZ634A KEYSIGHT-DSOZ634A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com