Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1212Y3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1212Y3
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1212Y3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSC1212Y3 Datasheet HTML 2Page - Texas Instruments MSC1212Y3 Datasheet HTML 3Page - Texas Instruments MSC1212Y3 Datasheet HTML 4Page - Texas Instruments MSC1212Y3 Datasheet HTML 5Page - Texas Instruments MSC1212Y3 Datasheet HTML 6Page - Texas Instruments MSC1212Y3 Datasheet HTML 7Page - Texas Instruments MSC1212Y3 Datasheet HTML 8Page - Texas Instruments MSC1212Y3 Datasheet HTML 9Page - Texas Instruments MSC1212Y3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323D − JUNE 2004 − REVISED SEPTEMBER 2005
www.ti.com
6
ELECTRICAL CHARACTERISTICS: AVDD = 3V (continued)
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, AVDD = +3V, fMOD = 15.625kHz, PGA = 1, filter = Sinc3, Buffer ON, fDATA = 10Hz, Bipolar, fCLK = 8MHz,
and VREF ≡ (REF IN+) − (REF IN−) = +1.25V, unless otherwise noted. For VDAC, VREF = AVDD, RLOAD = 10kΩ, and CLOAD = 200pF, unless otherwise noted.
MSC1211/12/13/14
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
ADC Offset DAC
Offset DAC Range
Bipolar Mode
±VREF/(2•PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1.5
% of Range
Offset DAC Gain Error Drift
1
ppm/
°C
System Performance
Resolution
24
Bits
ENOB
22
Bits
Output Noise
See Typical Characteristics
No Missing Codes
Sinc3 Filter
24
Bits
Integral Nonlinearity
End Point Fit, Bipolar Mode
3
±0.0015
%FSR
Offset Error
After Calibration
±3.5
ppm of FS
Offset Drift(2)
Before Calibration
0.001
ppm of FS/
°C
Gain Error(3)
After Calibration
−0.002
%
Gain Error Drift(2)
Before Calibration
1.0
ppm/
°C
System Gain Calibration Range
80
120
% of FS
System Offset Calibration Range
−50
50
% of FS
At DC
115
dB
Common-Mode Rejection
fCM = 60Hz, fDATA = 10Hz
130
dB
Common-Mode Rejection
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
Normal Mode Rejection
fSIG = 60Hz, fDATA = 60Hz
100
dB
Power-Supply Rejection
At DC, dB = −20log(
∆VOUT/∆VDD)(4)
92
dB
Voltage Reference Inputs
Reference Input Range
REF IN+, REF IN−
AGND
AVDD(3)
V
VREF
VREF ≡ (REF IN+) − (REF IN−)
0.1
1.25
AVDD
V
VREF Common-Mode Rejection
At DC
110
dB
Input Current(5)
VREF = 1.25V, ADC Only
3
µA
DAC Reference Input Resistance
For Each DAC, PGA = 1
20
k
On-Chip Voltage Reference
Output Voltage
VREFH = 0 at +25
°C, REFCLK = 250kHz
1.245
1.25
1.255
V
Power-Supply Rejection Ratio
65
dB
Short-Circuit Current Source
2.6
mA
Short-Circuit Current Sink
50
µA
Short-Circuit Duration
Sink or Source
Indefinite
Drift
5
ppm/
°C
Output Impedance
Sourcing 100
µA
3
Startup Time from Power ON
CREFOUT = 0.1
µF
8
ms
Temperature Sensor Voltage
Buffer ON, T = +25
°C
115
mV
Temperature Sensor Coefficient
Buffer ON
375
µV/°C
(1) The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7MΩ/64).
(2) Calibration can minimize these errors.
(3) The gain calibration cannot have a REF IN+ of more than AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(4) ∆VOUT is change in digital result.
(5) 9pF switched capacitor at fSAMP clock frequency (see Figure 14).
(6) Linearity calculated using a reduced code range of 512 to 65024; output unloaded.
(7) Ensured by design and characterization; not production tested.
(8) Analog Brownout Detect OFF (HCR1.3 = 1), Analog LVD OFF (LVDCON.7 = 1).


Similar Part No. - MSC1212Y3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1212Y3 BURR-BROWN-MSC1212Y3 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1212Y3 TI1-MSC1212Y3 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Burr-Brown (TI)
MSC1212Y3PAGR BURR-BROWN-MSC1212Y3PAGR Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
MSC1212Y3PAGT BURR-BROWN-MSC1212Y3PAGT Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1212Y3PAGT TI1-MSC1212Y3PAGT Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
More results

Similar Description - MSC1212Y3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com