Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1763ACPZ-1.1-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1763ACPZ-1.1-R7
Description  CMOS Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763ACPZ-1.1-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1763ACPZ-1.1-R7 Datasheet HTML 6Page - Analog Devices ADP1763ACPZ-1.1-R7 Datasheet HTML 7Page - Analog Devices ADP1763ACPZ-1.1-R7 Datasheet HTML 8Page - Analog Devices ADP1763ACPZ-1.1-R7 Datasheet HTML 9Page - Analog Devices ADP1763ACPZ-1.1-R7 Datasheet HTML 10Page - Analog Devices ADP1763ACPZ-1.1-R7 Datasheet HTML 11Page - Analog Devices ADP1763ACPZ-1.1-R7 Datasheet HTML 12Page - Analog Devices ADP1763ACPZ-1.1-R7 Datasheet HTML 13Page - Analog Devices ADP1763ACPZ-1.1-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
ADP1763
Rev. 0 | Page 9 of 18
CH1 5.00mV
CH2 500mV
M2.00µs
A CH2
1.68V
2
1
T 17.50%
VOUT
VIN
1V/µs SLEW RATE
Figure 16. Line Transient Response, Load Current = 3 A,
VIN = 1.5 V to 1.98 V Step, VOUT = 1.3 V
0
2
4
6
8
10
12
14
16
0.1
1
10
LOAD CURRENT (A)
VOUT = 1.3V (100Hz TO 100kHz)
VOUT = 1.3V (10Hz TO 100kHz)
Figure 17. Noise vs. Load Current for Various Output Voltages
0.1
1
10
100
1k
10k
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 0.9V
VOUT = 1.3V
VOUT = 1.5V
Figure 18. Noise Spectral Density vs. Frequency for Various Output Voltages,
ILOAD = 100 mA
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 1.1V
VIN = 1.2V
VIN = 1.3V
VIN = 1.4V
VIN = 1.5V
VIN = 1.6V
Figure 19. Power Supply Rejection Ratio (PSRR) vs. Frequency for
Various Loads, VOUT = 0.9 V, Load Current = 3 A
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
110
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 1.5V
VIN = 1.6V
VIN = 1.7V
VIN = 1.8V
VIN = 1.9V
VIN = 1.98V
Figure 20. Power Supply Rejection Ratio (PSRR) vs. Frequency for
Various Loads, VOUT = 1.3 V, Load Current = 3 A
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 1.7V
VIN = 1.8V
VIN = 1.9V
VIN = 1.98V
Figure 21. Power Supply Rejection Ratio (PSRR) vs. Frequency for
Various Loads, VOUT = 1.5 V, Load Current = 3 A


Similar Part No. - ADP1763ACPZ-1.1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1763 AD-ADP1763 Datasheet
883Kb / 19P
   CMOS Linear Regulator
ADP1763 AD-ADP1763 Datasheet
1,007Kb / 19P
   CMOS Linear Regulator
ADP1763 AD-ADP1763 Datasheet
777Kb / 20P
   4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1763 AD-ADP1763 Datasheet
782Kb / 20P
   5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1763 AD-ADP1763 Datasheet
1Mb / 37P
   3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
More results

Similar Description - ADP1763ACPZ-1.1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1761 AD-ADP1761 Datasheet
883Kb / 19P
   CMOS Linear Regulator
ADP1762 AD-ADP1762 Datasheet
1,007Kb / 19P
   CMOS Linear Regulator
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
   250mA CMOS Low consumption Linear Regulator
VER 1.4
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Power Analog Micoelectr...
PAM3103 PAM-PAM3103 Datasheet
501Kb / 10P
   300mAAdjustable High PSRR CMOS Linear Regulator
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com