Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q439 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q439
Description  8-bit Microcontroller with a Built-in LCD driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q439 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q439 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q439 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
FEDL610Q438-04
ML610Q438/ML610Q439
2/39
• Capture
− Time base capture × 2 channels (4096 Hz to 32 Hz)
• PWM
− Resolution 16 bits × 3 channel
• Synchronous serial port
− Master/slave selectable
− LSB first/MSB first selectable
− 8-bit length/16-bit length selectable
− Timer interrupt is used as a serial clock and selection is possible
• UART
− TXD/RXD × 1 channel
− Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
− Positive logic/negative logic selectable
− Built-in baud rate generator
• I2C bus interface
− Master function only
− Fast mode (400 kbps@4MHz), standard mode (100 kbps@4MHz, 50kbps@500kHz)
• Melody driver
− Scale: 29 types (Melody sound frequency: 508 Hz to 32.768 kHz)
− Tone length: 63 types
− Tempo: 15 types
− Buzzer output mode (4 output modes, 8 frequencies, 16 duty levels)
• RC oscillation type A/D converter
− 24-bit counter
− Time division × 2 channels
• Successive approximation type A/D converter
− 12-bit A/D converter
− Input × 2 channels
• General-purpose ports
− Non-maskable interrupt input port × 1 channel
− Input-only port × 10 channels (including secondary functions)
− Output-only port × 3 channels (including secondary functions)
− Input/output port
20 channels (including secondary functions)
• LCD driver
− Dot matrix can be supported.
ML610Q438: 1344 dots max. (56 seg
× 24 com)
ML610Q439: 1024 dots max. (64 seg
× 16 com)
− 1/1 to 1/24 duty
− 1/3 or 1/4 bias (built-in bias generation circuit)
− Frame frequency selecable (approx. 64 Hz, 73 Hz, 85 Hz, and 102 Hz)
− Bias voltage multiplying clock selectable (8 types)
− Contrast adjustment (1/3 bias: 32 steps, 1/4 bias: 20 steps)
− LCD drive stop mode, LCD display mode, all LCDs on mode, and all LCDs off mode selectable
− Programmable display allocation function (available only when 1/1~1/8 duty is selected)


Similar Part No. - ML610Q439

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q439 ETC2-ML610Q439 Datasheet
654Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q439

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com