Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1213Y2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1213Y2
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1213Y2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSC1213Y2 Datasheet HTML 4Page - Texas Instruments MSC1213Y2 Datasheet HTML 5Page - Texas Instruments MSC1213Y2 Datasheet HTML 6Page - Texas Instruments MSC1213Y2 Datasheet HTML 7Page - Texas Instruments MSC1213Y2 Datasheet HTML 8Page - Texas Instruments MSC1213Y2 Datasheet HTML 9Page - Texas Instruments MSC1213Y2 Datasheet HTML 10Page - Texas Instruments MSC1213Y2 Datasheet HTML 11Page - Texas Instruments MSC1213Y2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323D − JUNE 2004 − REVISED SEPTEMBER 2005
www.ti.com
8
DIGITAL CHARACTERISTICS: DVDD = 2.7V to 5.25V
All specifications from TMIN to TMAX, FMCON = 10h, all digital outputs high, PDCON = 00h (all peripherals ON) or PDCON = FFh (all peripherals OFF), PSEN and
ALE enabled (all peripherals ON) or PSEN and ALE disabled (all peripherals OFF), unless otherwise specified.
MSC1211/12/13/14
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Power-Supply Requirements
DVDD
2.7
3
3.6
V
Normal Mode, fOSC = 1MHz, peripherals OFF
0.9
mA
Normal Mode, fOSC = 1MHz, peripherals ON
1.1
mA
Digital Power-Supply Current
Normal Mode, fOSC = 8MHz, peripherals OFF
5.7
mA
Digital Power-Supply Current
Normal Mode, fOSC = 8MHz, peripherals ON
7.5
mA
Crystal Operation Stop Mode(1)
100
nA
DVDD
4.75
5
5.25
V
Normal Mode, fOSC = 1MHz, peripherals OFF
1.7
mA
Normal Mode, fOSC = 1MHz, peripherals ON
2.4
mA
Digital Power-Supply Current
Normal Mode, fOSC = 8MHz, peripherals OFF
11
mA
Digital Power-Supply Current
Normal Mode, fOSC = 8MHz, peripherals ON
14.8
mA
Crystal Operation Stop Mode(1)
100
nA
DIGITAL INPUT/OUTPUT (CMOS)
Logic Level
VIH (except XIN pin)
0.6
• DVDD
DVDD
V
Logic Level
VIL (except XIN pin)
DGND
0.2
• DVDD
V
I/O Pin Hysteresis
700
mV
Ports 0−3, Input Leakage Current, Input Mode
VIH = DVDD or VIH = 0V
< 1
pA
Pins EA, RST Input Leakage Current
< 1
pA
VOL, ALE, PSEN, Ports 0−3, All Output Modes
IOL = −1mA
DGND
0.4
V
VOL, ALE, PSEN, Ports 0−3, All Output Modes
IOL = −30mA (5V), −20mA (3V)
1.5
V
VOH, ALE, PSEN, Ports 0−3, Strong Drive Output
IOH = 1mA
DVDD − 0.4
DVDD − 0.1
DVDD
V
VOH, ALE, PSEN, Ports 0−3, Strong Drive Output
IOH = 30mA (5V), 20mA (5V)
DVDD − 1.5
V
Ports 0−3, Pull-Up Resistors
9
k
Pins ALE, PSEN, Pull-Up Resistors During Reset
Flash Programming Mode Only
9
k
OSCILLATOR/CLOCK INPUT/OUTPUT
External Oscillator/Clock
VIH (except XIN pin)
XOUT must be unconnected
0.6
• DVDD
DVDD
V
External Oscillator/Clock
VIL (except XIN pin)
XOUT must be unconnected
DGND
0.2
• DVDD
V
(1) Digital Brownout Detect disabled (HCR1.2 = 1), Low Voltage Detect disabled (LVDCON.3 = 1). Ports configured for input or CMOS output.
FLASH MEMORY CHARACTERISTICS: DVDD = 2.7V to 5.25V
MSC1211/12/13/14
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Flash Memory Endurance
100,000
1,000,000
Cycles
Flash Memory Data Retention
100
Years
Mass and Page Erase Time
Set with FER in FTCON
10
ms
Flash Memory Write Time
Set with FWR in FTCON
30
40
µs
Flash Programming Current(1)
DVDD = 3.0V
10
mA
Flash Programming Current(1)
DVDD = 5.0V
25
mA
(1) Peak current during Mass and Page Erase Time and Memory Write Time.


Similar Part No. - MSC1213Y2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1213Y2 TI1-MSC1213Y2 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1213Y2PAGR TI1-MSC1213Y2PAGR Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1213Y2PAGRG4 TI1-MSC1213Y2PAGRG4 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1213Y2PAGT TI1-MSC1213Y2PAGT Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
MSC1213Y2PAGT TI1-MSC1213Y2PAGT Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
More results

Similar Description - MSC1213Y2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com