Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TES1350A Datasheet(PDF) 3 Page - Soberton Inc.

Part # TES1350A
Description  THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

TES1350A Datasheet(HTML) 3 Page - Soberton Inc.

  TES1350A Datasheet HTML 1Page - Soberton Inc. TES1350A Datasheet HTML 2Page - Soberton Inc. TES1350A Datasheet HTML 3Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: GT-1405A
PRODUCT: Electro Magnetic Buzzer
EDITION: A/2016
MEASUREMENT TEST CIRCUIT
INSPECTION FIXTURE
PACKING
PAGE 3/3
Sound Level Meter TES1350A
BUZZER
10cm
INSPECTION FIXTURE
MEASUREMENT METHOD
Vp
OV
G:
F:
+Vcc
180
CE
V
Sound Level Meter TES1350A
BUZZER
10cm
INSPECTION FIXTURE
MEASUREMENT METHOD
Vp
OV
G:
F:
+Vcc
180
CE
V
(3PCS pearl wool)
Out Box
100PCS
400mm
440mm
(12PCS Out Box)
Carton Box
pearl wool
(3600PCS )
(300PCS)
(3PCS pearl wool)
Out Box
100PCS
400mm
440mm
(12PCS Out Box)
Carton Box
pearl wool
(3600PCS )
(300PCS)


Similar Part No. - TES1350A

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
TES1350A SOBERTON-TES1350A Datasheet
315Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
TES1350A SOBERTON-TES1350A Datasheet
174Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
More results

Similar Description - TES1350A

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
GT-1204A SOBERTON-GT-1204A Datasheet
315Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
GT-1206A SOBERTON-GT-1206A Datasheet
174Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
GT-0950RP3 SOBERTON-GT-0950RP3_17 Datasheet
315Kb / 5P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
GT-1206A SOBERTON-GT-1206A_18 Datasheet
197Kb / 3P
   THIS SPECIFICATION APPLIES TO THE MAGNETIC BUZZER
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com