Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-100N Datasheet(PDF) 1 Page - Copal Electronics

Part # PG-100N
Description  HANDY MANOMETER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-100N Datasheet(HTML) 1 Page - Copal Electronics

  PG-100N Datasheet HTML 1Page - Copal Electronics PG-100N Datasheet HTML 2Page - Copal Electronics PG-100N Datasheet HTML 3Page - Copal Electronics PG-100N Datasheet HTML 4Page - Copal Electronics PG-100N Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thank you for purchasing
NIDEC COPAL ELECTRONICS CORP. product.
In order to use the product correctly and most
appropriately, please completely read this manual before
use and keep it for future reference.
1
This caution mark indicates a chance of physical damages to the user and/or the product
if it is used improperly and/or incorrectly. The damage can be substantial.
HANDY MANOMETER
PG-100N
Series
Important Information and Warnings
Operating Precautions
(1)The applicable media are air and non-corrosive gases.
Use of the product with water or corrosive fluids may cause product failure. Furthermore, since the product is not explosion-proof, never use it for
flammable gases.
(2)Maintain the measuring pressure within the pressure range as stated in specifications.
Pressures exceeding the maximum pressure rating may cause product failure.
(3)Be careful not to mix foreign materials in the pressure port.
Mixing a foreign material in the port may cause product failure or air leakage. If there is a possibility of mixing foreign materials into the port, use
the product with a filter.
(4)Be aware of possibilities of accidents related to the strap.
Swinging the product intentionally in the air by holding the strap may result in unexpected accidents, injury or product damage. Be sure to use the
product with its main body gripped firmly.
(5)Be careful not to give external shocks to the products.
External shocks such as hitting and dropping may cause product failure.
(6)Installation of attachments
When installing an attachment to the pressure port, the tightening torque should be set at around 1 N・m.
(7)Attention for analog output function using.
No voltage or signal should be applied to the CAL terminal by tha faulty wiring. Failure to heed this warning may result in product malfunction or
damage to the main body.
Moreover, do not lose the battery cover when the analog output function is used.
●The product is not explosion-proof. Do not use the product in designated areas where
explosion-proof specification is required.
●The product is not drip-proof /dust-proof.
●The product is designed for measurement of intended articles and does not feature control
functions that ensure security, such as prevention of accidents.
Instruction Manual
Ver.3.0
Head Office: Nishi-Shinjuku Kimuraya Bldg,
7-5-25 Nishi-Shinjuku, Shinjuku-ku, Tokyo 160-0023, Japan
TEL: +81-3-3364-7071, Fax: +81-3-3364-7091
For inquiries regarding the product, please contact:
CAUTION


Similar Part No. - PG-100N

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100N-101R COPAL-PG-100N-101R Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100N-101R-H COPAL-PG-100N-101R-H Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100N-101R-HT COPAL-PG-100N-101R-HT Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100N-101R-HX1 COPAL-PG-100N-101R-HX1 Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
PG-100N-101R-HX1T COPAL-PG-100N-101R-HX1T Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
More results

Similar Description - PG-100N

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-100 COPAL-PG-100 Datasheet
1Mb / 3P
   HANDY MANOMETER
PG-100B COPAL-PG-100B Datasheet
289Kb / 5P
   HANDY MANOMETER
logo
Extech Instruments Corp...
406850 EXTECH-406850 Datasheet
93Kb / 6P
   Differential Pressure Manometer
logo
List of Unclassifed Man...
LEAPER-48 ETC2-LEAPER-48 Datasheet
552Kb / 1P
   HANDY UNIIVERSALL WRIITER
logo
Copal Electronics
PG-100B COPAL-PG-100B_16 Datasheet
89Kb / 4P
   HANDHELD DIGITAL MANOMETER
logo
Extech Instruments Corp...
HD700 EXTECH-HD700 Datasheet
108Kb / 7P
   Differential Pressure Manometer
logo
Copal Electronics
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
   HANDHELD DIGITAL MANOMETER
logo
Extech Instruments Corp...
406800 EXTECH-406800_15 Datasheet
229Kb / 1P
   Differential Pressure Manometer
logo
Copal Electronics
PG-100N COPAL-PG-100N_16 Datasheet
85Kb / 4P
   HANDHELD DIGITAL MANOMETER
logo
Extech Instruments Corp...
406800 EXTECH-406800 Datasheet
107Kb / 6P
   Differential Pressure Manometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com