Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-35 Datasheet(PDF) 7 Page - Copal Electronics

Part # PG-35
Description  SMALL SIZE PRESSURE GAUGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-35 Datasheet(HTML) 7 Page - Copal Electronics

  PG-35 Datasheet HTML 1Page - Copal Electronics PG-35 Datasheet HTML 2Page - Copal Electronics PG-35 Datasheet HTML 3Page - Copal Electronics PG-35 Datasheet HTML 4Page - Copal Electronics PG-35 Datasheet HTML 5Page - Copal Electronics PG-35 Datasheet HTML 6Page - Copal Electronics PG-35 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Brackets(Option)
Model Numbers
■PG30 bracket for wall attachment
 (sold separately)
■PG-35/PG-30 Panel holder set ・holder cover(sold separately)
Panel holder set
30
20
φ4.2
2-φ3.5
φ4.2×5.2
Elliptical hole
18
After installation
18
(□42.6)
After installation
15
Material: SUS
t=1.6
□40
(5.7)
4.5
Panel holder cover
Panel holder
Main body
(PG-30 / PG-35)
Attachment
panel
Panel stopper
(two)
23.5
36+0.5
0
panel cut dimensions(Panel thickness: 1∼3.6)
Holder
cover set
Panel
holder set
Pressure ranges
101:−10to10kPa(PG-30 only)
102:−100to100kPa(0∼100kPa for absolute pressure type)
103:−100to1000kPa
Fitting part types(PG-35 only)
R2:R1/4(With M5 female screw)
GF:G3/8(Flash diaphragm type)
G2:G1/4(With M5 female screw)
VC:9/16-18 UNF(Gasket fitting)
Model names
PG-30:Non-corrosive gas type
PG-35:High corrosion resistance type
Switch output type
N:NPN open collector
P:PNP open collector
Pressure reference
R:Compound pressure(negative pressure∼positive pressure)
A:Absolute pressure(absolute vacuum∼barometic pressure)
【PG-35 only】
2-φ3.5
20
φ4.2
20
30
φ4.2×5.2
Elliptical hole
Material: SUS
t=1.6
PG−35−102 R−N R2 B
Port
Blank:Stem mount
 B :Back mount
■Accessories(Sold separately)
Product name Model no.
Description
Applicable
model
Bracket for wall
attachment
Bracket for flood
attachment
Panel holder set
Holder cover set
(for protection of
gauge sides)
ACPG-001
PG-30
Bracket for wall
attachment, two M3×4
male screws
Bracket for floor
attachment, two M3×4
male screws
Panel holder cover,
panel holder, two
panel stoppers
Panel holder cover,
panel holder
ACPG-002
ACPG-003
ACPG-004
PG-30
PG-30
PG-35
PG-30
PG-35
■PG-30 bracket for floor attachment
 (sold separately)
Warranty
This product can be covered by one-year warranty. COPAL ELECTRONICS warrants that any part of the product which proves to be defective due to the design and/or
manufacturing of COPAL ELECTRONICS within one year from the date of delivery will be repaired or replaced, free of charge. Note that the warranty will only be
applied to the product alone, not to damages induced by any failure of tha product.
The warranty will not be applied in any of the following cases:
 ① Failure and damage caused by improper use not conforming to the instruction manual or negligent handling.
 ② Failure and damage caused by inappropriate modification, adjustment or repair.
 ③ Failure and damage caused by natural disaster, fire or other act of God.


Similar Part No. - PG-35

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35H COPAL-PG-35H Datasheet
2Mb / 10P
   SMALL SIZE PRESSURE GAUGE
PG-35H-104R-NPG3 COPAL-PG-35H-104R-NPG3 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H-104R-NPR2 COPAL-PG-35H-104R-NPR2 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H-354R-NPG3 COPAL-PG-35H-354R-NPG3 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-35H-354R-NPR2 COPAL-PG-35H-354R-NPR2 Datasheet
108Kb / 4P
   PRESSURE GAUGES
More results

Similar Description - PG-35

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35H COPAL-PG-35H Datasheet
2Mb / 10P
   SMALL SIZE PRESSURE GAUGE
logo
Silicon Microstructures...
SM5G-GG SMI-SM5G-GG Datasheet
572Kb / 7P
   Small, Gauge Pressure Sensor
logo
Festo Corporation.
548010 FESTO-548010 Datasheet
104Kb / 2P
   Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
   Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
   Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
   Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
   Pressure gauge
8/10/22
9791 FESTO-9791 Datasheet
87Kb / 1P
   Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
   Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
   Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com