Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB18X5-RTC Datasheet(PDF) 9 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 9 Page - Abracon Corporation

Back Button AB18X5-RTC Datasheet HTML 5Page - Abracon Corporation AB18X5-RTC Datasheet HTML 6Page - Abracon Corporation AB18X5-RTC Datasheet HTML 7Page - Abracon Corporation AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation AB18X5-RTC Datasheet HTML 10Page - Abracon Corporation AB18X5-RTC Datasheet HTML 11Page - Abracon Corporation AB18X5-RTC Datasheet HTML 12Page - Abracon Corporation AB18X5-RTC Datasheet HTML 13Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 9 of 37
Abracon Drawing #453568
Revision: C
PSW/nIRQ2
Secondary interrupt output connection. It is an open drain output. This pin can be left floating if not
used. PSW/nIRQ2 may be configured to generate several signals as a function of the OUT2S field (see
0x11 - Control2). This pin will be configured as an ~1 Ω switch if the PWR2 bit is set.
1. PSW/nIRQ2 can drive the value of the OUTB bit.
2. PSW/nIRQ2 can drive the square wave output (see 0x13 - SQW) if enabled by SQWE.
3. PSW/nIRQ2 can drive the inverse of the combined interrupt signal IRQ(see Interrupts).
4. PSW/nIRQ2 can drive the inverse of the alarm interrupt signal AIRQ(see Interrupts).
5. PSW/nIRQ2 can drive either sense of the timer interrupt signal TIRQ.
6. PSW/nIRQ2 can function as the power switch output for controlling the power of external devices
(see Sleep Control).
nTIRQ (only available in
I2C environments)
Timer interrupt output connection. It is an open drain output. nTIRQ always drives the active low nTIRQ
signal. If this pin is used, an external pull-up resistor must be added to this pin. If the pin is not used, it
can be left floating.
CLKOUT/nIRQ3
Square Wave output connection. It is a push-pull output, and may be configured to generate one of two
signals.
1. CLKOUT/nIRQ3 can drive the value of the OUT bit.
2. CLKOUT/nIRQ3 can drive the square wave output (see 0x13 - SQW) if enabled by SQWE.
nRST
External reset output connection. It is an open drain output. If this pin is used, an external pull-up resis-
tor must be added to this pin. If the pin is not used, it can be left floating.The polarity is selected by the
RSP bit, which will initialize to 0 on power up to produce an active low output. See Autocalibration Fail
Interrupt ACIRQ for details of the generation of nRST.
Table 3: Pin Descriptions
Pin Name
Description


Similar Part No. - AB18X5-RTC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18X5 ABRACON-AB18X5 Datasheet
655Kb / 37P
   Real-Time Clock with Power
Revision: C
More results

Similar Description - AB18X5-RTC

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com