Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB18X5-RTC Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB18X5-RTC
Description  Baseline timekeeping features
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB18X5-RTC Datasheet(HTML) 2 Page - Abracon Corporation

  AB18X5-RTC Datasheet HTML 1Page - Abracon Corporation AB18X5-RTC Datasheet HTML 2Page - Abracon Corporation AB18X5-RTC Datasheet HTML 3Page - Abracon Corporation AB18X5-RTC Datasheet HTML 4Page - Abracon Corporation AB18X5-RTC Datasheet HTML 5Page - Abracon Corporation AB18X5-RTC Datasheet HTML 6Page - Abracon Corporation AB18X5-RTC Datasheet HTML 7Page - Abracon Corporation AB18X5-RTC Datasheet HTML 8Page - Abracon Corporation AB18X5-RTC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 2 of 37
Abracon Drawing #453568
Revision: C
1. Family Summary
The AB18X5 family consists of several members (see Table 1). All devices are supplied in a standard 3x3
mm QFN-16 package. Members of the software and pin compatible AB08X5 RTC family are also listed.
Table 1: Family Summary
Part #
Baseline
Timekeeping
Advanced Timekeeping
Power Management
Interface
XT
Osc
Number
of GP
Outputs
RC
Osc
Calib/
Auto-
calib
Watch-
dog
RAM
(B)
VBAT
Switch
Reset
Mgmt
Ext
Int
Power
Switch and
Sleep FSM
AB1805
4
■■
256
■■
■■
I2C
AB1815
3
■■
256
■■
■■
SPI
Software and Pin Compatible AB08X5 Family Components
AB0805
3
■■
256
■■
I2C
AB0815
2
■■
256
■■
SPI


Similar Part No. - AB18X5-RTC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18X5 ABRACON-AB18X5 Datasheet
655Kb / 37P
   Real-Time Clock with Power
Revision: C
More results

Similar Description - AB18X5-RTC

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com