Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS83-102G-VCR Datasheet(PDF) 2 Page - Copal Electronics

Part # PS83-102G-VCR
Description  PRESSURE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS83-102G-VCR Datasheet(HTML) 2 Page - Copal Electronics

  PS83-102G-VCR Datasheet HTML 1Page - Copal Electronics PS83-102G-VCR Datasheet HTML 2Page - Copal Electronics PS83-102G-VCR Datasheet HTML 3Page - Copal Electronics PS83-102G-VCR Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS83
PRESSURE SWITCHES
Pressure reference
Gauge
Absolute
0 ~ 49.0
0 ~ 98.1
0 ~ 343
0 ~ 981
0 ~
− 98.1
0 ~ 34.3
0 ~ 98.1
{0 ~ 0.5}
{0 ~ 1}
{0 ~ 3.5}
{0 ~ 10}
{0 ~
− 1}
{0 ~ 0.35}
{0 ~ 1}
kPa {kgf/cm2}
Rated pressure range
G 1/8(PF 1/8)
R 1/4 (PT 1/4)
VCR(9/16–18UNF)
Pressure port
LIST OF MODEL NUMBERS
PS83-501G
PS83-102G
PS83-352G
PS83-103G
PS83-102V
PS83-351A
PS83-102A
PS83-501G-R2
PS83-102G-R2
PS83-352G-R2
PS83-103G-R2
PS83-102V-R2
PS83-351A-R2
PS83-102A-R2
PS83-501G-VCR PS83-102G-VCR PS83-352G-VCR PS83-103G-VCR PS83-102V-VCR PS83-351A-VCR PS83-102A-VCR
※ Verify the above model numbers when placing orders.
STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Supply voltage
Pressure medium
Insulation resistanca
Dielectric strength
Sealed liquid
Pressure port
Net weight
Model number
PS83
501G
102G
102V
352G
103G
351A
102A
Gauge
Absolute
49.0
98.1
− 98.1
343
981
34.3 (abs)
98.1 (abs)
{0.5}
{1}
{
−1}
{3.5}
{10}
{0.35}
{1}
98.1
196
686
1961
103 (abs)
196 (abs)
{1}
{2}
{7}
{20}
{1.05}
{2}
147
294
1030
2941
147 (abs)
294 (abs)
{1.5}
{3}
{10.5}
{30}
{1.5}
{3}
Corrosive gases/liquids compatible with SUS 316L
Approx. 140
12 ~ 24
± 10 %
100 (500 V DC)
500 V AC, 60 sLeakage current 1mA maximum
Silicone oil
G 1/8 (PF 1/8)
※2, R 1/4 (PT 1/4), 1/4 VCR®
0 ~ 50
35 ~ 85No condensation
− 20 ~ 70Atmospheric pressure humidity 65 %RH maximum
− 20 ~ 70
kPa {kgf/cm2}
kPa {kgf/cm2}
kPa {kgf/cm2}
°C
°C
%RH
°C
M
Ω minimum
g
V DC
Ripple content
Consumption current
10 % (P-P) maximum
20 mA
maximum
maximum
※1 : Also compatible with SUS316 in case of PS83- □□□□ -VCR.
※2 : In case of G 1/8 type, An “O” ring is supplied as accessory.
(P15 for positive press., P12.5 for negative / absolute press.)
※1
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 12 V DC.


Similar Part No. - PS83-102G-VCR

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302L CEL-PS8302L Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8302L-AX CEL-PS8302L-AX Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS83-102G-VCR

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com