Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1216D133 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1216D133
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216D133 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1216D133 Datasheet HTML 5Page - ON Semiconductor NCP1216D133 Datasheet HTML 6Page - ON Semiconductor NCP1216D133 Datasheet HTML 7Page - ON Semiconductor NCP1216D133 Datasheet HTML 8Page - ON Semiconductor NCP1216D133 Datasheet HTML 9Page - ON Semiconductor NCP1216D133 Datasheet HTML 10Page - ON Semiconductor NCP1216D133 Datasheet HTML 11Page - ON Semiconductor NCP1216D133 Datasheet HTML 12Page - ON Semiconductor NCP1216D133 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP1216, NCP1216A
http://onsemi.com
9
APPLICATION INFORMATION
Introduction
The NCP1216 implements a standard current mode
architecture where the switch−off event is dictated by the
peak current setpoint. This component represents the ideal
candidate where low part count is the key parameter,
particularly in low−cost AC−DC adapters, TV power
supplies etc. Due to its high−performance High−Voltage
technology, the NCP1216 incorporates all the necessary
components normally needed in UC384X based supplies:
timing components, feedback devices, low−pass filter and
self−supply. This later point emphasizes the fact that ON
Semiconductor’s NCP1216 does NOT need an auxiliary
winding to operate: the product is naturally supplied from
the high−voltage rail and delivers a VCC to the IC. This
system is called the Dynamic Self−Supply (DSS):
Dynamic Self−Supply (DSS): Due to its Very High
Voltage
Integrated
Circuit
(VHVIC)
technology,
ON Semiconductor’s NCP1216 allows for a direct pin
connection to the high−voltage DC rail. A dynamic current
source charges up a capacitor and thus provides a fully
independent VCC level to the NCP1216. As a result, there is
no need for an auxiliary winding whose management is
always a problem in variable output voltage designs (e.g.
battery chargers).
Adjustable Skip Cycle Level: By offering the ability to tailor
the level at which the skip cycle takes place, the designer can
make sure that the skip operation only occurs at low peak
current. This point guarantees a noise−free operation with
cheap transformers. Skip cycle offers a proven mean to
reduce the standby power in no or light loads situations.
Internal Frequency
Dithering
for
Improved
EMI
Signature: By modulating the internal switching frequency
with the DSS VCC ripple, natural energy spread appears and
softens the controller’s EMI signature.
Wide Switching − Frequency Offered with Different
Options (65 kHz − 100 kHz − 133 kHz): Depending on the
application, the designer can pick up the right device to help
reducing magnetics or improve the EMI signature before
reaching the 150 kHz starting point.
Ramp Compensation: By inserting a resistor between the
Current Sense (CS) pin and the actual sense resistor, it
becomes possible to inject a given amount of ramp
compensation since the internal sawtooth clock is routed to
the CS pin. Sub−harmonic oscillations in Continuous
Conduction Mode (CCM) can thus be compensated via a
single resistor.
Over
Current
Protection
(OCP):
By
continuously
monitoring the FB line activity, NCP1216 enters burst mode
as soon as the power supply undergoes an overload. The
device enters a safe low power operation, which prevents
from any lethal thermal runaway. As soon as the default
disappears, the power supply resumes operation. Unlike
other
controllers,
overload
detection
is
performed
independently of any auxiliary winding level. In presence of
a bad coupling between both power and auxiliary windings,
the short circuit detection can be severely affected. The DSS
naturally shields you against these troubles.
Wide Duty−Cycle Operation: Wide mains operation requires
a large duty−cycle excursion. The NCP1216 can go up to 75%
typically.
For
Continuous
Conduction
Mode
(CCM)
applications, the internal ramp compensation lets you fight
against sub−harmonic oscillations.
Low Standby Power: If SMPS naturally exhibit a good
efficiency at nominal load, they begin to be less efficient
when the output power demand diminishes. By skipping
unnecessary switching cycles, the NCP1216 drastically
reduces the power wasted during light load conditions. In
no−load conditions, the NPC1216 allows the total standby
power to easily reach next International Energy Agency
(IEA) recommendations.
No Acoustic Noise While Operating: Instead of skipping
cycles at high peak currents, the NCP1216 waits until the
peak current demand falls below a user−adjustable 1/3 of the
maximum limit. As a result, cycle skipping can take place
without having a singing transformer, one can thus select
cheap magnetic components free of noise problems.
External MOSFET Connection: By leaving the external
MOSFET external to the IC, you can select avalanche proof
devices, which in certain cases (e.g. low output powers), let
you work without an active clamping network. Also, by
controlling the MOSFET gate signal flow; you have an
option to slow down the device commutation, therefore
reducing the amount of ElectroMagnetic Interference
(EMI).
SPICE Model: A dedicated model to run transient
cycle−by−cycle simulations is available but also an
averaged version to help you closing the loop. Ready−to−use
templates can be downloaded in OrCAD’s PSpice and
INTUSOFT’s IsSpice from ON Semiconductor web site, in
the NCP1216 related section.


Similar Part No. - NCP1216D133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216D133R2G ONSEMI-NCP1216D133R2G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216D133R2G ONSEMI-NCP1216D133R2G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216D133R2G ONSEMI-NCP1216D133R2G Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
More results

Similar Description - NCP1216D133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com