Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB520 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SB520
Description  5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SB520 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SB520 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 263 -
SR520/SB520 THRU SR5200/SB5200
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed
260°C /10sec/ 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-27/DO-201AD
0.96(24.4)
M IN.
0.96(24.4)
M IN.
+
-
.051(1.3)
.043(1.1)
DIA.
.220(5.6)
.187(5.0)
DIA.
.375(9.5)
.335(8.5)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
SR
520
SR
530
SR
540
SR
550
SR
560
SR
580
SR
590
SR
5100
SR
5150
SR
5200 units
SB
520
SB
530
SB
540
SB
550
SB
560
SB
580
SB
590
SB
5100
SB
5150
SB
5200
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100 150 200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
105 140
V
Maximum DC blocking Voltage
VDC
20
30
40
50
60
80
90
100 150 200
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TL =90°C
IF(AV)
5.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
120.0
A
Maximum Forward Voltage at 5.0A DC
VF
0.45
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current
at rated DC blocking voltage
@TA=25°C
@TA =100°C
IR
0.5
40.0
0.1
10.0
mA
Typical Junction Capacitance (Note 1)
CJ
500
112
pF
Typical Thermal Resistance (Note 2)
R(JA)
40
°C /W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Leshan Radio Company
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
logo
Nanjing International G...
SB520 DGNJDZ-SB520 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SB520 SSC-SB520 Datasheet
338Kb / 2P
   5A Schottky Barrier Rectifiers
More results

Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SS52 CHONGQING-SS52 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S520BF CHONGQING-S520BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS52L CHONGQING-SS52L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SBR545LBF CHONGQING-SBR545LBF Datasheet
178Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR560L CHONGQING-SR560L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
PS545L CHONGQING-PS545L Datasheet
196Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S52BF CHONGQING-S52BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF5100 TSC-MBRF5100_13 Datasheet
242Kb / 3P
   5.0AMPS Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK52C TSC-SK52C_11 Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com