Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011111-TR0500 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011111-TR0500
Description  Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011111-TR0500 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011111-TR0500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Low Noise Amplifier
22 - 38 GHz
Rev. V2
MAAL-011111
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Biasing - The device is operated with a single, positive bias supply. The device performance is insensitive to
changes in bias condition; however, gain and power handling can be slightly improved with higher bias
conditions without significantly affecting the noise figure performance. Typical biasing conditions within the
specified performance ranges are VD = 3 V, 50 mA, VD = 3.3 V, 55 mA, VD = 3.6 V, 60 mA.
Recommended Board Layout8
(DXF file available from website)
RFIn
RFOut
Vd
8. Ground plane conductor should be removed under the corners of the package, as shown.


Similar Part No. - MAAL-011111-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
MAAL-011119-001SMB MA-COM-MAAL-011119-001SMB Datasheet
953Kb / 8P
   Satellite TV Amplifier
MAAL-011119-TR3000 MA-COM-MAAL-011119-TR3000 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results

Similar Description - MAAL-011111-TR0500

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com