Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011111-TR0500 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011111-TR0500
Description  Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011111-TR0500 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011111-TR0500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011111-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low Noise Amplifier
22 - 38 GHz
Rev. V2
MAAL-011111
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: Freq: 22 - 38 GHz, VD = 3.3 V, TA = +25°C
Parameter
Units
Min.
Typ.
Max.
Small Signal Gain4
dB
17
19
Gain Flatness
dB
±2
Input Return Loss
dB
10
Output Return Loss
dB
13
Reverse isolation
dB
45
Noise Figure
dB
2.5
Output P1dB
dBm
5
Supply Current (ID)
mA
55
65
Absolute Maximum Ratings5,6
Parameter
Absolute Max.
Supply Voltage
7 VDC
Supply Current
70 mA
Input Power
12.0 dBm
Storage Temperature
-65ºC to +165ºC
Operating Temperature
-40ºC to +85ºC
Channel Temperature7
+150ºC
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near
these survivability limits.
7. Channel temperature directly affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible to maximize lifetime.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Class 1A devices.
4. Specified over 24-36 GHz


Similar Part No. - MAAL-011111-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
MAAL-011119-001SMB MA-COM-MAAL-011119-001SMB Datasheet
953Kb / 8P
   Satellite TV Amplifier
MAAL-011119-TR3000 MA-COM-MAAL-011119-TR3000 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results

Similar Description - MAAL-011111-TR0500

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com