Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-011111-000SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-011111-000SMB
Description  Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-011111-000SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-011111-000SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-011111-000SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-011111-000SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-011111-000SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-011111-000SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-011111-000SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-011111-000SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Low Noise Amplifier
22 - 38 GHz
Rev. V2
MAAL-011111
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 19 dB Small Signal Gain
 2.5 dB Noise Figure
 Single 3.3 V Bias
 Lead-Free 3 mm 16-Lead PQFN Package
 100% RF Tested
 RoHS* Compliant
Description
The MAAL-011111 is a three stage 22 - 38 GHz
GaAs MMIC low noise amplifier. This device has a
small signal gain of 19 dB with a noise figure of 2.5
dB.
This lead-free, 3 mm QFN package requires only a
single positive bias supply. The devices uses
MACOM’s GaAs transistor technology, ensuring high
repeatability and uniformity.
The device is well suited to multiple receiver
applications which require broadband performance
with simple bias requirements and the ease of
volume manufacturing with 3 mm QFN packaging.
Ordering Information1,2
Part Number
Package
MAAL-011111-TR0500
500 pc reel
MAAL-011111-TR1000
1K pc reel
MAAL-011111-000SMB
Sample Evaluation board
Functional Block Diagram
Pin Configuration
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Pin No.
Pin Name
Description
1
GND
Ground
2
RFIN
RF Input
3
GND
Ground
4-9
N/C
No Connection
10
GND
Ground
11
RFOUT
RF Output
12
GND
Ground
13
VD
Bias Voltage
14-16
N/C
No Connection
Paddle3
RF and DC Ground
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
GND
N/C
VD
N/C
N/C
GND
N/C
N/C
N/C
N/C
N/C
RFIN
15
16
13
14
8
7
6
5
1
2
3
4
11
10
9
12
GND
GND
N/C
RFOUT


Similar Part No. - MAAL-011111-000SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
MAAL-011119-001SMB MA-COM-MAAL-011119-001SMB Datasheet
953Kb / 8P
   Satellite TV Amplifier
MAAL-011119-TR3000 MA-COM-MAAL-011119-TR3000 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results

Similar Description - MAAL-011111-000SMB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com