Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBC3906S6R Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # HBC3906S6R
Description  General Purpose NPN Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBC3906S6R Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  HBC3906S6R Datasheet HTML 1Page - Cystech Electonics Corp. HBC3906S6R Datasheet HTML 2Page - Cystech Electonics Corp. HBC3906S6R Datasheet HTML 3Page - Cystech Electonics Corp. HBC3906S6R Datasheet HTML 4Page - Cystech Electonics Corp. HBC3906S6R Datasheet HTML 5Page - Cystech Electonics Corp. HBC3906S6R Datasheet HTML 6Page - Cystech Electonics Corp. HBC3906S6R Datasheet HTML 7Page - Cystech Electonics Corp. HBC3906S6R Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C208S6R
Issued Date : 2016.09.05
Revised Date :
Page No. : 1/8
HBC3906S6R
CYStek Product Specification
General Purpose NPN Epitaxial Planar Transistor
(dual transistors)
HBC3906S6R
Features
• Two BTC3906 chips in a SOT-363 package.
• Mounting possible with SOT-323 automatic mounting machines.
• Transistor elements are independent, eliminating interference.
• Mounting cost and area can be cut in half.
• Complementary to HBA1514S6R.
• Pb-free lead plating and halogen-free package.
Symbol
Outline
Ordering Information
Device
Package
Shipping
HBC3906S6R-0-T1-G
SOT-363
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
HBC3906S6R
SOT-363
B:Base C:Collector E:Emitter
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - HBC3906S6R

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HBC327 HSMC-HBC327 Datasheet
37Kb / 4P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
Winchester Electronics ...
HBC335R744 WINCHESTER-HBC335R744 Datasheet
401Kb / 7P
   Serial Digital BNC Connectors
logo
Hi-Sincerity Mocroelect...
HBC337 HSMC-HBC337 Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HBC3906S6R

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com