Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL27WZ04DTT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL27WZ04DTT1
Description  Dual Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ04DTT1 Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZ04DTT1 Datasheet HTML 1Page - ON Semiconductor NL27WZ04DTT1 Datasheet HTML 2Page - ON Semiconductor NL27WZ04DTT1 Datasheet HTML 3Page - ON Semiconductor NL27WZ04DTT1 Datasheet HTML 4Page - ON Semiconductor NL27WZ04DTT1 Datasheet HTML 5Page - ON Semiconductor NL27WZ04DTT1 Datasheet HTML 6Page - ON Semiconductor NL27WZ04DTT1 Datasheet HTML 7Page - ON Semiconductor NL27WZ04DTT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NL27WZ04
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
–40
°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Max
Unit
VIH
High–Level Input Voltage
1.65 – 1.95
0.75 VCC
0.75 VCC
V
IH
g
e e
u
o age
2.3 to 5.5
0.7 VCC
0.7 VCC
VIL
Low–Level Input Voltage
1.65 – 1.95
0.25 VCC
0.25 VCC
V
IL
o
e e
u
o age
2.3 to 5.5
0.3 VCC
0.3 VCC
VOH
High–Level Output Voltage
IOH = –100 mA
1.65 to 5.5
VCC – 0.1
VCC
VCC – 0.1
V
OH
gg
VIN = VIL
IOH = –3 mA
1.65
1.29
1.52
1.29
IN
IL
IOH = –8 mA
2.3
1.9
2.1
1.9
IOH = –12 mA
2.7
2.2
2.4
2.2
IOH = –16 mA
3.0
2.4
2.7
2.4
IOH = –24 mA
3.0
2.3
2.5
2.3
IOH = –32 mA
4.5
3.8
4.0
3.8
VOL
Low–Level Output Voltage
IOL = 100 mA
1.65 to 5.5
0.1
0.1
V
OL
g
VIN = VIH
IOL = 3 mA
1.65
0.08
0.24
0.24
IN
IH
IOL = 8 mA
2.3
0.20
0.3
0.3
IOL = 12 mA
2.7
0.22
0.4
0.4
IOL = 16 mA
3.0
0.28
0.4
0.4
IOL = 24 mA
3.0
0.38
0.55
0.55
IOL = 32 mA
4.5
0.42
0.55
0.55
IIN
Input Leakage Current
VIN = VCC or GND
0 to 5.5
±0.1
±1.0
mA
IOFF
Power Off–Output Leakage
Current
VOUT = 5.5 V
0
1
10
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
1.65 to 5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
TA = 25°C
–40
°C ≤ TA ≤ 85°C
Symbol
Parameter
Condition
VCC (V)
Min
Typ
Max
Min
Max
Unit
tPLH
t
Propagation Delay
(Fi
3
d 4)
RL = 1 MW, CL = 15 pF
1.65
1.8
2.3
9.2
1.8
11.0
ns
tPHL
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.8
1.8
4.4
7.6
1.8
8.4
RL = 1 MW, CL = 15 pF
2.5
± 0.2
1.2
3.0
5.1
1.2
5.6
RL = 1 MW, CL = 15 pF
3.3
± 0.3
0.8
2.2
3.4
0.8
3.8
RL = 500 W, CL = 50 pF
1.2
2.9
4.5
1.2
5.0
RL = 1 MW, CL = 15 pF
5.0
± 0.5
0.5
1..8
2.8
0.5
3.1
RL = 500 W, CL = 50 pF
0.8
2.3
3.6
0.8
4.0
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance (Note 6)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
9
11
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no–load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL27WZ04DTT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ04DTT1 ONSEMI-NL27WZ04DTT1 Datasheet
75Kb / 6P
   Dual Inverter
February, 2007 ??Rev.6
NL27WZ04DTT1G ONSEMI-NL27WZ04DTT1G Datasheet
75Kb / 6P
   Dual Inverter
February, 2007 ??Rev.6
NL27WZ04DTT1G ONSEMI-NL27WZ04DTT1G Datasheet
125Kb / 6P
   Dual Inverter
March, 2013 ??Rev. 10
NL27WZ04DTT1G ONSEMI-NL27WZ04DTT1G Datasheet
161Kb / 11P
   Dual Inverter
March, 2022 - Rev. 13
More results

Similar Description - NL27WZ04DTT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com