Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS160B Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54ALS160B
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS160B Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54ALS160B Datasheet HTML 3Page - Texas Instruments SN54ALS160B Datasheet HTML 4Page - Texas Instruments SN54ALS160B Datasheet HTML 5Page - Texas Instruments SN54ALS160B Datasheet HTML 6Page - Texas Instruments SN54ALS160B Datasheet HTML 7Page - Texas Instruments SN54ALS160B Datasheet HTML 8Page - Texas Instruments SN54ALS160B Datasheet HTML 9Page - Texas Instruments SN54ALS160B Datasheet HTML 10Page - Texas Instruments SN54ALS160B Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RCO
ENT
ns
ns
CLK
Any Q
PARAMETER
UNIT
RCO
ENT
ns
ns
CLK
Any Q
FROM
(INPUT)
TO
(OUTPUT)
SN54AS160 THRU SN54AS163
SN74AS160 THRU SN74AS163
SYNCHRONOUS 4-BIT BINARY COUNTERS
SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
’AS160, ’AS161 switching characteristics (see Note 1)
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX
SN54AS160
SN54AS161
SN74AS160
SN74AS161
MIN
MAX
MIN
MAX
fmax
65
75
MHz
tPHL
RCO
2
14
2
12.5
tPLH
CLK
RCO (with LOAD high)
1
8.5
1
8
ns
tPLH
RCO (with LOAD low)
3
17.5
3
16.5
tPLH
1
7.5
1
7
tPHL
2
14
2
13
tPLH
1.5
10
1.5
9
tPHL
1
9.5
1
8.5
tPHL
CLR
Any Q
2
14
2
13
ns
tPHL
CLR
RCO
2
14
2
12.5
ns
’AS162, ’AS163 switching characteristics (see Note 1)
PARAMETER
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX
UNIT
SN54AS162
SN54AS163
SN74AS162
SN74AS163
MIN
MAX
MIN
MAX
fmax
65
75
MHz
tPHL
RCO
2
14
2
12.5
tPLH
CLK
RCO (with LOAD high)
1
8.5
1
8
ns
tPLH
RCO (with LOAD low)
3
17.5
3
16.5
tPLH
1
7.5
1
7
tPHL
2
14
2
13
tPLH
1.5
10
1.5
9
tPHL
1
9.5
1
8.5
NOTE 1: Load circuit and voltage waveforms are shown in Section 1.


Similar Part No. - SN54ALS160B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161BFK TI-SN54ALS161BFK Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results

Similar Description - SN54ALS160B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com