Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4727A Datasheet(PDF) 11 Page - Keysight Technologies

Part # E4727A
Description  Advanced Low-Frequency Noise Analyzer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E4727A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button E4727A Datasheet HTML 7Page - Keysight Technologies E4727A Datasheet HTML 8Page - Keysight Technologies E4727A Datasheet HTML 9Page - Keysight Technologies E4727A Datasheet HTML 10Page - Keysight Technologies E4727A Datasheet HTML 11Page - Keysight Technologies E4727A Datasheet HTML 12Page - Keysight Technologies E4727A Datasheet HTML 13Page - Keysight Technologies E4727A Datasheet HTML 14Page - Keysight Technologies E4727A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 | Keysight | E4727A Advanced Low-Frequency Noise Analyzer - Data Sheet
LPF
Number of LPFs
1
Cut-off frequency
0.08 Hz
Series resistance (Rlpf_substrate)
2 kΩ
Maximum voltage
±50 VDC
Maximum current
±0.1 A
Connector
DC Source Measure Unit (SMU) inputs
Tri-axial(f) Force and Tri-axial(f) Sense
Substrate terminal
SMA(f)
IC socket
Type
DIP (300 mil and 600 mil)
Lead pitch
2.54 mm (100 mil)
Maximum number of leads
28
Connector
Drain/collector/ anode/resistor+
SMA(f)
Source/emitter/cathode/resistor-
SMA(f)
Gate/base terminal
SMA(f)
Substrate terminal
SMA(f)
E4727A(K04) substrate module specifications
The substrate module is a passive device used to pass along a filtered version of the DC bias to
a substrate or back-gate node of a device.
E4727A(K05) test fixture module specifications
The test fixture module is used to facilitate testing of packaged through-hole devices.


Similar Part No. - E4727A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E472 GILWAY-E472 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
Littelfuse
E47258 LITTELFUSE-E47258 Datasheet
402Kb / 3P
   Miniature single in-line package
More results

Similar Description - E4727A

ManufacturerPart #DatasheetDescription
logo
Usha India Ltd.
2SC900 USHA-2SC900 Datasheet
112Kb / 3P
   LOW FREQUENCY, LOW NOISE AMPLIFIER
logo
Fairchild Semiconductor
SS9015 FAIRCHILD-SS9015 Datasheet
65Kb / 4P
   Low Frequency, Low Noise Amplifier
logo
List of Unclassifed Man...
2SC1335 ETC-2SC1335 Datasheet
78Kb / 2P
   LOW FREQUENCY LOW NOISE AMPLIFIER
logo
Fairchild Semiconductor
KSC900 FAIRCHILD-KSC900 Datasheet
42Kb / 4P
   Low Frequency & Low Noise Amplifier
logo
SeCoS Halbleitertechnol...
S9015 SECOS-S9015 Datasheet
234Kb / 2P
   Low Frequency, Low Noise Amplifier
logo
Fairchild Semiconductor
SS9015CTA FAIRCHILD-SS9015CTA Datasheet
72Kb / 4P
   Low Frequency, Low Noise Amplifier
logo
New Jersey Semi-Conduct...
2N3821 NJSEMI-2N3821 Datasheet
159Kb / 2P
   JFETS LOW FREQUENCY, LOW NOISE
logo
Fairchild Semiconductor
KSC900LTA FAIRCHILD-KSC900LTA Datasheet
45Kb / 4P
   Low Frequency & Low Noise Amplifier
SS9015CBU FAIRCHILD-SS9015CBU Datasheet
72Kb / 4P
   Low Frequency, Low Noise Amplifier
logo
Keysight Technologies
N8973B KEYSIGHT-N8973B Datasheet
1Mb / 10P
   Noise Figure Analyzer, Multi-touch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com