Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-011031 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011031
Description  Transformer, 1:1 Transmission Line 5MHz - 1200MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011031 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MABA-011031 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011031 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-011031 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-011031 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MABA-011031 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Transformer, 1:1 Transmission Line
5MHz - 1200MHz
Rev. V2
MABA-011031
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MABA-011031

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011030 MA-COM-MABA-011030 Datasheet
813Kb / 5P
   Transformer, 1:1 Transmission Line 46MHz - 1002MHz
MABA-011032 MA-COM-MABA-011032 Datasheet
642Kb / 5P
   Transformer, 1:3 40 MHz - 1000MHz
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
MABA-011038 MA-COM-MABA-011038 Datasheet
824Kb / 6P
   1:3 Step up Flux Coupled Balun Transformer
MABA-011039 MA-COM-MABA-011039 Datasheet
782Kb / 6P
   Excellent temperature stability
More results

Similar Description - MABA-011031

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
   1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
   1:1 Transmission Line Transformer 5-1200MHz
logo
Tyco Electronics
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
   1:1 Transmission Line Transformer 5-1200MHz
MABACT0051 MACOM-MABACT0051 Datasheet
76Kb / 3P
   Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
logo
M/A-COM Technology Solu...
MABACT0069 MA-COM-MABACT0069 Datasheet
72Kb / 3P
   1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABA-007681-CT2010 MA-COM-MABA-007681-CT2010 Datasheet
108Kb / 3P
   2:1 Transmission Line Balun Transformer 5 - 1200MHz
logo
Tyco Electronics
MABACT0069 MACOM-MABACT0069 Datasheet
79Kb / 3P
   1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
logo
M/A-COM Technology Solu...
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com