Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7041 Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7041
Description  Audio CODEC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7041 Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7041 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7041 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
FEDL7041-05
ML7041
6/28
Figure 1 Analog Interface
A/D
20 k
20 k
20 k
MIC1I
MIC1O
MIC2I
MIC2O
MIC3–
MIC3+
MIC3O
R1
R2
C
C
C
R3
C
C
C
SG
VREF
R4
R5
R6
Transmit Gain
: VMIC1O/Vi = (R2/R1)
: VMIC2O/Vi = (R4/R3)
: VMIC3O/Vi = (R6/R5)
Input select
:CR1-B7, B6 “00” -> MIC1
:CR1-B7, B6 “01” -> MIC2
:CR1-B7, B6 “10” -> MIC3
:CR1-B7, B6 “11” -> no-input
Receive Gain
:Vspo/VEXTO = (R8/R7)2
Output select
:CR1-B5, B4 “00” -> EXTO
:CR1-B5, B4 “01” -> EAR1O
:CR1-B5, B4 “10” -> EAR2O
:CR1-B5, B4 “11” -> no-output
Vi
Vi
Vi
EAR1O
EAR2O
SPO–
SPO+
EXTO
D/A
EXTI
R7
R8
C
VEXTO
VSPO


Similar Part No. - ML7041

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7041 OKI-ML7041 Datasheet
236Kb / 28P
   single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
logo
List of Unclassifed Man...
ML7041 ETC2-ML7041 Datasheet
381Kb / 28P
   Audio CODEC Single 3 V power supply Transmit/receive full-duplex operation
logo
OKI electronic componet...
ML7041TB OKI-ML7041TB Datasheet
236Kb / 28P
   single-channel full duplex CODEC LSI device which performs mutual transcoding between the analog voice band signals ranging from 300 to 3400 Hz and th
More results

Similar Description - ML7041

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
   Audio CODEC
2000 Mar 29
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
   Audio Codec
logo
Texas Instruments
PCM3168A TI1-PCM3168A Datasheet
2Mb / 66P
[Old version datasheet]   Audio Codec
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
   Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
   Audio Codec
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
   Audio software codec
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com