Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344C Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML7344C Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
3/154
• Packet mode function
• Support 2 wireless M-bus packet format. (Format A and B)
• Support general packet format (Format C)
• Max packet length 255 bytes (Format A and B)and 2047 bytes (Format C)
• 64 byte TX and RX buffer are implemented
• Preamble pattern detection function (Preamble length can be prgrammable between 1 to 4 Byte)
• Programmable TX preamble length (Max 16383 Byte)
• ID code or SFD detection function (Max 4 Byte x 2codes, available for TX and RX)
• Progrmable CRC generate function for CRC32, CRC16 and CRC8
• Whitenning function
• Address filtering function
Checking C-Fieled, M-Field and A field of wireless M-bus packet (EN13575-4:2011)
• Supply voltage
1.8V to 3.6V
Outpur power is set at 1mW
2.1V to 3.6V
Output power is set at 10mW
2.6V to 3.6V
Output power is set at 20mW
3.3V to 3.6V
Output power is set at 100mW
• Operating temperature -40 to +85 ˚C
• Current consumption (operation at 400MHz band)
Deep Sleep Mode:
0.1 uA (Typ)
Sleep Mode1
0.4 uA (Typ) (Maintain Register values)
Sleep Mode2
0.53 uA (Typ) (Maintain Register values and FIFO data)
Idle Mode
0.6 mA (Typ)
TX 100mW
90 mA (Typ.)
20mW
28 mA (Typ.) (ML7344E/J)
45 mA (Typ.) (ML7344C)
10mW
22 mA (Typ.)
1mW
8.8 mA (Typ.)
RX
6.2 mA (Typ.)
• Package
32 pin WQFN 5.0mm x 5.0mm x 0.8mm
Pb free, RoHS compliant
■Ordering Guide
ML7344 x y GDZ05BL
x=C: 470MHz to 510MHz
E: 160MHz to 180MHz
J: 426MHz to 434MHz
y =C: Crystal Input
T: TCXO Input


Similar Part No. - ML7344C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
More results

Similar Description - ML7344C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7396A LAPIS-ML7396A Datasheet
1Mb / 140P
   Sub GHz band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
   Sub GHz band wireless transmitter IC
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
   For Short-range Wireless
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
   2.4 GHz Short-Range, Low-Power Transceiver
logo
NIHON DEMPA KOGYO
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
   For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
   For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com