Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396A Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396A
Description  Sub GHz band short range wireless transceiver IC
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396A Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396A Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396A Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396A Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7396A Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7396A Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7396A Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7396A Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7396A Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7396A Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
11/140
* Following “Typ” value is not guaranteed value studied variation of IC but typical centre value.
●Power consumption
Item
Symbol
Conditions
Min
Typ (*2)
Max
Unit
IDD1
Sleep state
(Retaining register values)
-
0.6
3.0(*3)
µA
IDD2
Idle state
-
1.4
3.0
mA
IDD3
RF RX state (*4)
-
15.0
20.0
mA
IDD4
RF TX state (1mW) (*4)
-
13.0
20.0
mA
IDD5
RF TX state (10mW) (*4)
-
24.0
35.0
mA
Power Consumption (*1)
IDD6
RF TX state (20mW) (*4)
-
32.0
43.0
mA
*1 Power consumption is sum of current consumption of all power supply pins
*2 “Typ” value is centre value under condition of VDDIO=3.3V, 25 ˚C.
*3 This “Max” value is under condition of 25 ˚C. Other “Max” values are defind under recommended operating coditions.
*4 Current consumption when the data rate is 100kbps and the RF frequency is 920MHz.


Similar Part No. - ML7396A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
ML7344CE LAPIS-ML7344CE Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
ML7344CJ LAPIS-ML7344CJ Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7344E ETC2-ML7344E Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
More results

Similar Description - ML7396A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
   Sub GHz band wireless transmitter IC
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
   For Short-range Wireless
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
   2.4 GHz Short-Range, Low-Power Transceiver
logo
NIHON DEMPA KOGYO
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
   For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
   For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com