Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7406 Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
FEDL7406-02
ML7406
11/104
●Recommended Operation Conditions
Item
Symbol
Condition
Min
Typ
Max
Unit
Power Supply (I/O)
VDDIO
VDDIO pin and
VDD_REG pin (*1)
1.8
3.3
3.6
V
VDD_PA pin
TX power 1mW mode
1.8
3.3
3.6
V
VDD_PA pin
TX Power 10mW mode
2.3
3.3
3.6
V
Power Supply (PA)
VDDPA
VDD_PA pin
TX Power 20mW mode
2.6
3.3
3.6
V
Operational Temperature
Ta
-40
+25
+85
˚C
Digital Input Rising Time
TIR
Digital Input pins (*1)
20
ns
Digital InputFalling Time
TIF
Digital Input pins (*1)
20
ns
Digital Output Output Load
CDL
All Digital Output pins
20
pF
Master Clock Frequency
(XIN,XOUT,TCXO,SPXO
pins)
FMCK1
(*2)
26
(*2)
MHz
Master Clock Accuracy (*2)
ACMCK1
-85
+85
ppm
TCXO Input Voltage
VTCXO
DC Cutoff
TCXO Optionis selected
0.8
1.5
Vpp
SPI Clock InputFrequency
FSCLK
SCLK pin
0.032
2
16
MHz
SPI Clock Input
Duty Cycle Ratio
DSCLK
SCLK pin
45
50
55
%
RF Frequency
FRF
750
960
MHz
*1 In the pin description, I or Is are specified as the I/O.
*2 Indicating frequency deviation during TX-RX operation. In order to support various standards, please apply the
frequency accuracy for each standard to meet the requirements.
Specification
Required accuracy
Wireless M-Bus S mode
±60 ppm(Meter)
±25 ppm(Other)
Wireless M-Bus T mode
±60 ppm(Meter)
±25 ppm(Other)
Wireless M-Bus C mode
±25 ppm
ARIB STD-T108
±20 ppm


Similar Part No. - ML7406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
More results

Similar Description - ML7406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Radiometrix Ltd
LMT3 RADIOMETRIX-LMT3 Datasheet
259Kb / 7P
   NBFM Multi-channel transmitter for 868MHz SRD band
MSR3 RADIOMETRIX-MSR3 Datasheet
124Kb / 8P
   NBFM Multi-channel receiver for 868MHz SRD band
COR3 RADIOMETRIX-COR3 Datasheet
146Kb / 8P
   NBFM Multi-channel receiver for 868MHz SRD band
MSR3 RADIOMETRIX-MSR3_14 Datasheet
141Kb / 8P
   NBFM Multi-channel receiver for 868MHz SRD band
logo
Exar Corporation
XR18W753 EXAR-XR18W753 Datasheet
341Kb / 27P
   SINGLE CHIP 868MHZ TO 956MHZ RF TRANSCEIVER
logo
Zentrum Mikroelektronik...
ZMD44102 ZMD-ZMD44102 Datasheet
197Kb / 1P
   Robust Communications RF Transceiver 868MHz to 928MHz
ZMD44101 ZMD-ZMD44101 Datasheet
1Mb / 26P
   Single-Chip 868MHz to 928MHz RF Transceiver
logo
Linx Technologies
HUM-868-DT LINX-HUM-868-DT Datasheet
1Mb / 37P
   868MHz HumDTTM Series Transceiver
2015
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com