Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDL7396A_B_E-06 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL7396A_B_E-06
Description  Sub GHz band short range wireless transceiver IC
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL7396A_B_E-06 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd.

  FEDL7396A_B_E-06 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDL7396A_B_E-06 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDL7396A_B_E-06 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL7396A_B_E-06 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL7396A_B_E-06 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL7396A_B_E-06 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL7396A_B_E-06 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL7396A_B_E-06 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL7396A_B_E-06 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
4/140
■PIN Configuration
40 Pin WQFN
30
29
28
27
26
25
24
23
22
21
N.C.
31
20
ANT_SW
VDD_RF
32
19
TEST
LP1
33
18
VDDIO
VDD_CP
34
17
DMON
LP2
35
16
DCLK
IND1
36
15
DIO
IND2
37
14
VDDIO
VB_EXT
38
13
SDI
VDD_VCO
39
12
SCEN
VDD_REG
40
11
SCLK
12
345
67
89
10
裏面
PKG GND
(T.B.D.)
裏面
PKG GND
GND PAD
NOTE) GND pad in the middle of the IC is reverse side (name: GND PAD)


Similar Part No. - FEDL7396A_B_E-06

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL7344C LAPIS-FEDL7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CE LAPIS-FEDL7344CE Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-01 LAPIS-FEDL7344CJ-01 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-03 LAPIS-FEDL7344CJ-03 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-04 LAPIS-FEDL7344CJ-04 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
More results

Similar Description - FEDL7396A_B_E-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
   Sub GHz band wireless transmitter IC
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
   For Short-range Wireless
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
   2.4 GHz Short-Range, Low-Power Transceiver
logo
NIHON DEMPA KOGYO
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
   For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
   For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com