Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDR44V064B-01 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDR44V064B-01
Description  64k(8,192-Word8-Bit) FeRAM (Ferroelectric Random Access Memory) I2C
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDR44V064B-01 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDR44V064B-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDR44V064B-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDR44V064B-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDR44V064B-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDR44V064B-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDR44V064B-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDR44V064B-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDR44V064B-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDR44V064B-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FEDR44V064B-01
MR44V064B
7/16
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
The application of stress (voltage, current, or temperature) that exceeds the absolute maximum rating may
damage the device. Therefore, do not allow actual characteristics to exceed any one parameter ratings
PIN VOLTAGES
Parameter
Symbol
Rating
Unit
Note
Min.
Max.
Pin Voltage (Input Signal)
VIN
–0.5
VCC + 0.5
V
Pin Voltage (Input/Output
Voltage)
VINQ, VOUTQ
–0.5
VCC + 0.5
V
Power Supply Voltage
VCC
–0.5
4.0
V
TEMPERATURE RANGE
Parameter
Symbol
Rating
Unit
Note
Min.
Max.
Storage Temperature
(Extended Temperature Version)
Tstg
–55
125
°C
Operating Temperature
(Extended Temperature Version)
Topr
–40
85
°C
OTHERS
Parameter
Symbol
Rating
Note
Power Dissipation
PD
1,000mW
Ta=25°C


Similar Part No. - FEDR44V064B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDR44V064A-01 LAPIS-FEDR44V064A-01 Datasheet
294Kb / 16P
   64k(8,192-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory)
More results

Similar Description - FEDR44V064B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MR45V064B LAPIS-MR45V064B Datasheet
371Kb / 20P
   64k(8,192-Word 횞 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR44V064A LAPIS-MR44V064A Datasheet
294Kb / 16P
   64k(8,192-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory)
MR45V256A LAPIS-MR45V256A Datasheet
267Kb / 21P
   256k(32,768-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V032A LAPIS-MR45V032A Datasheet
280Kb / 21P
   32k(4,096-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V200A LAPIS-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
List of Unclassifed Man...
MR45V256A ETC2-MR45V256A Datasheet
267Kb / 21P
   256k(32,768-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V200A ETC2-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V032A ETC2-MR45V032A Datasheet
279Kb / 21P
   32k (4,096-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
logo
Hitachi Semiconductor
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com