Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDL7396ABE-07 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL7396ABE-07
Description  Sub GHz band short range wireless transceiver IC
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL7396ABE-07 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL7396ABE-07 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL7396ABE-07 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
7/140
PIN DEFINITION(continued)
●Miscellaneous pins
Pin
No
Pin name
Reset
state
I/O
Active
Level
Detail function
7
RESETN
I
Is
L
Hardware reset
L: Hardware reset enable
H: normal operation
4
XIN
I
Ios
P or N
36MHz crystal pin1
*Fixed to GND in case of using external
clock
5
XOUT
O
Oos
P or N
36MHzcristal pin2
*Fixed to GND in case of using external
clock
6
TCXO
I
IA
-
External clock (TCXO) input pin.
*Fixed to GND in case of using crystal
oscillator
20
ANT_SW
O/L
O
H or L or
OD
Diversity control signal
21
TRX_SW
O/L
O
H or L or
OD
TX-RX switch signal
19
TEST
I
I
H
Test mode input
Fixed to “L” for normal use
17
DMON*1
O
O
H
Digital monitor pin
Primary function: Clock output (6MHz)
Secondary function: PLL_LD output
Third function: FIFO trigger output
22
DCNT
O/L
O
H or L or
OD
External TX PA control signal
31,35
N.C.
-
-
-
Non connection
[Description]
*1 Function of DMON pin can be selected by following condition. Clock output as a default.
If clock output is not used, please select another function. Please refer to each register description for more details.
Primary function will have higher priority when multiple function are configured simultaneously.
Configuration of DMON output
Function Name
Configuration register name
Address
Bit position (bit symbol)
CLK output
CLK_SET
B0 0x02
bit4 (CLKOUT_EN)
PLL_LD output
PLL_MON/DIO_SEL
B0 0x69
bit4 (PLL_LD)
FIFO trigger output
CRC_AREA/FIFO_TRG
B0 0x77
bit0 (FIFO_TRG_EN)


Similar Part No. - FEDL7396ABE-07

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL7344C LAPIS-FEDL7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CE LAPIS-FEDL7344CE Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-01 LAPIS-FEDL7344CJ-01 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-03 LAPIS-FEDL7344CJ-03 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
FEDL7344CJ-04 LAPIS-FEDL7344CJ-04 Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
More results

Similar Description - FEDL7396ABE-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7344C ETC2-ML7344C Datasheet
1Mb / 151P
   Sub-GHz band short range wireless transceiver IC
logo
LAPIS Semiconductor Co....
ML7344C LAPIS-ML7344C Datasheet
1Mb / 154P
   Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
   Sub GHz band wireless transmitter IC
logo
Renesas Technology Corp
REJ03F0087-0100Z RENESAS-REJ03F0087-0100Z Datasheet
445Kb / 28P
   RF Transceiver for Short-range Wireless
logo
NIHON DEMPA KOGYO
WFC30B0924FF NDK-WFC30B0924FF_18 Datasheet
833Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG_18 Datasheet
764Kb / 1P
   For Short-range Wireless
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
   2.4 GHz Short-Range, Low-Power Transceiver
logo
NIHON DEMPA KOGYO
WFC93B0429CL NDK-WFC93B0429CL_18 Datasheet
835Kb / 1P
   For Short-range Wireless
WFC11B0922CG NDK-WFC11B0922CG Datasheet
365Kb / 1P
   For Short-range Wireless
WFD79C0925FG NDK-WFD79C0925FG_18 Datasheet
877Kb / 1P
   For Short-range Wireless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com