Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FEDR45V064B-01 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDR45V064B-01
Description  64k(8,192-Word8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDR45V064B-01 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  FEDR45V064B-01 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
FEDR45V064B-01
MR45V064B
2/20
PIN CONFIGURATION
Note:
Signal names that end with # indicate that the signals are negative-true logic.
PIN DESCRIPTIONS
Pin Name
Description
CS#
Chip Select (input, negative logic)
Latches an address by low input, activates the FeRAM, and enables a read or write
operation.
WP#
Write Protect( input , negative logic )
Write Protect pin controls write-operation to the status-register(BP0,BP1). This pin should
be fixed low or high in write-operations.
HOLD#
HOLD( input , negative logic )
Hold pin is used when the serial-communication suspended without disable the chip
select.
When
HOLD#
is
low
,the
serial-output
is
in
High-Z
status
and
serial-input/serial-clock are “Don
’t Care” . CS# should be low in hold operation.
SCK
Serial Clock
Serial Clock is the clock input pin for setting for serial data timing. Inputs are latched on
the rising edge and output occur on the falling edge.
SI
Serial input
SI pins are serial input pins for Operation-code , addresses ,and data-inputs .
SO
Serial output
SO pins are serial output pins.
VCC, VSS
Power supply
Apply the specified voltage to VCC. Connect VSS to ground.
8-pin plastic SOP
CS#
SO
WP#
VSS
VCC
HOLD#
SCK
SI
1
8
2
7
3
6
4
5


Similar Part No. - FEDR45V064B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDR45V032A-01 LAPIS-FEDR45V032A-01 Datasheet
280Kb / 21P
   32k(4,096-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
More results

Similar Description - FEDR45V064B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MR44V064B LAPIS-MR44V064B Datasheet
427Kb / 16P
   64k(8,192-Word 횞 8-Bit) FeRAM (Ferroelectric Random Access Memory) I2C
MR44V064A LAPIS-MR44V064A Datasheet
294Kb / 16P
   64k(8,192-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory)
MR45V256A LAPIS-MR45V256A Datasheet
267Kb / 21P
   256k(32,768-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V032A LAPIS-MR45V032A Datasheet
280Kb / 21P
   32k(4,096-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V200A LAPIS-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
List of Unclassifed Man...
MR45V256A ETC2-MR45V256A Datasheet
267Kb / 21P
   256k(32,768-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V200A ETC2-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V032A ETC2-MR45V032A Datasheet
279Kb / 21P
   32k (4,096-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
logo
Hitachi Semiconductor
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com