Electronic Components Datasheet Search |
|
FEDD56V16161NP-02 Datasheet(PDF) 4 Page - LAPIS Semiconductor Co., Ltd. |
|
FEDD56V16161NP-02 Datasheet(HTML) 4 Page - LAPIS Semiconductor Co., Ltd. |
4 / 44 page FEDD56V16161NP-02 MSM56V16161NP 4/44 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings Parameter Symbol Value Unit Voltage on Input/Output Pin Relative to VSS VIN, VOUT –0.5 to VCC+0.5 V VCC Supply Voltage VCC –0.5 to 4.6 V VCCQ Supply Voltage VCCQ –0.5 to 4.6 V Power Dissipation (Ta=25°C) PD 1000 mW Short Circuit Output Current IOS 50 mA Storage Temperature Tstg –55 to 150 °C Operating Temperature Topr -40 to 85 °C Notes: 1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. 2. Functional operation should be restricted to recommended operating condition. 3. Exposure to higher than recommended voltage for extended periods of time could affect device reliability. 4. The voltages are referenced to VSS. Recommended Operating Conditions (1/2) Ta= -40 to 85 C Parameter Symbol Min. Typ. Max. Unit Note Power Supply Voltage (Core) VCC 3.0 3.3 3.6 V 1 Power Supply Voltage (I/O) VCCQ 3.0 3.3 3.6 V 1 Ground VSS, VSSQ 0 0 0 V Notes: 1. The voltages are referenced to VSS 2. The power supply voltages should input stable voltage. The power supply voltages should not input oscillated voltage. If voltages Recommended Operating Conditions (2/2) Ta= -40 to 85 C Parameter Symbol Min. Max. Unit Note Input High Voltage VIH 2.0 VCC + 0.3 V 1, 2 Input Low Voltage VIL 0.3 0.8 V 1, 3 Notes: 1. The voltages are referenced to VSS. 2. The input voltage is VCC + 0.5V when the pulse width is less than 20ns (the pulse width is with respect to the point at which VCC is applied). 3. The input voltage is 0.5V when the pulse width is less than 20ns (the pulse width respect to the point at which VSS and VSSQ are applied). |
Similar Part No. - FEDD56V16161NP-02 |
|
Similar Description - FEDD56V16161NP-02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |