Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1962B Datasheet(PDF) 11 Page - Keysight Technologies

Part # E1962B
Description  For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1962B Datasheet(HTML) 11 Page - Keysight Technologies

Back Button E1962B Datasheet HTML 7Page - Keysight Technologies E1962B Datasheet HTML 8Page - Keysight Technologies E1962B Datasheet HTML 9Page - Keysight Technologies E1962B Datasheet HTML 10Page - Keysight Technologies E1962B Datasheet HTML 11Page - Keysight Technologies E1962B Datasheet HTML 12Page - Keysight Technologies E1962B Datasheet HTML 13Page - Keysight Technologies E1962B Datasheet HTML 14Page - Keysight Technologies E1962B Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11 | Keysight | E1962B cdma2000/IS-95/AMPS Mobile Test Application - Technical Overview
CDMA specifications
cdma2000 active cell call processing functionality
Resident formats
IS-2000 SR1 (cdma2000)
Call processing timing
tolerance
Mobile transmissions typically must be within ±
6 μs of test set’s transmitted pilot
channel clock timing for proper reverse channel
acquisition
Protocol stack
IS-2000 revision 0 with addendum (PREV=6)
Cell overhead channels
for PREV=6
F-Pilot: With user-settable PN offset
F-Sync: With real-time long code and system
time update and updates for user entered
parameters
F-Paging: With real-time overhead messages
F-QPCH: Indicates if active page will be in the
next paging channel slot
Cell parameters
NID, SID, country code (MCC), network code
(MNC), CDG esc mode, max slot cycle index,
and reverse link traffic pilot gain
Control channel
parameters (PREV=6)
Paging rate, F-QPCH rate, F-QPCH state,
F-QPCH relative level
Paging channel data rate
(PREV=6)
Selectable from either full or half rate
F-QPCH data rate
Selectable from either full or half rate
Access parameters
(PREV=6)
Nom_Pwr, Nom_Pwr_Ext, Init_Pwr, Pwr_Step,
Num_Step, Max_Req_Seq, Max_Rsp_Seq, and
Pam_Size
Call control (“one button
commands”)
Register
BS call originate
BS call disconnect
MS call originate (auto answer)
MS call disconnect
Registration support
User-initiated (zone-based), power up (with on/
off support), timer based (with on/off support),
implicit registration (mobile originated call), or
direct user entry of mobile IMSI
Registration reported
mobile information
ESN (hex), ESN (decimal), MCC, MNC, MSIN,
slot class, slot cycle index, protocol revi-
sion, band class, operating mode, MAX EIRP,
registration type, QPCH support, enhanced RC
support, minimum power control step size, MS
called party number, MEID supported, MEID
(hex), and MEID (decimal)
Status request query
control
Selectable between on and off; default of “on”
causes test set to perform the status queries
during registration or mobile origination when a
new ESN is received by the test set
Max EIRP
User must enter the mobile’s maximum power
in dBW when the status request query field is
set to off
IMSI support
Class 0 only
Supported IMSI class 0
types
MSIN only (00), MNC + MSIN (01), MCC + MSIN
(10), or MCC + MNC + MSIN (11)
cdma2000 active cell call processing functionality (continued)
Query mobile
capabilities function
Uses signaling to request the mobile’s
capabilities; requested parameters include:
FCH: FCH supported, FCH 5 ms frames
supported, F-FCH radio configurations, R-FCH
radio configurations
DCCH: DCCH supported, DCCH frame size,
F-DCCH radio
configurations, R-DCCH radio configurations
F-SCH: F-SCH supported, number of F-SCH
channels supported, turbo encoder supported,
turbo encoded rate set 1 max data rate, turbo
encoded rate set 2 max data rate, convolutional
encoder supported, convolutional encoded rate
set 1 max data rate, convolutional encoded rate
set 2 max data rate
R-SCH: R-SCH supported, number of R-SCH
channels supported, turbo encoder supported,
turbo encoded rate set 1 max data rate, turbo
encoded rate set 2 max data rate, convolutional
encoded rate set 1 max data rate, convolutional
encoded rate set 2 max data rate
Supported TCH/FCH
radio configuration
combinations
Forward RC1, reverse RC1 (F-RC1, R-RC1)
Forward RC2, reverse RC2 (F-RC2, R-RC2)
Forward RC3, reverse RC3 (F-RC3, R-RC3)
Forward RC4, reverse RC4 3 (F-RC4, R-RC3)
Forward RC5, reverse RC4 (F-RC5, R-RC4)
Forward RC11, reverse RC8 (F-RC11, R-RC8)
TCH/FCH service option
support
SO1 9.6 kbps voice
SO2 9.6 kbps data loopback
SO3 9.6 kbps EVRC voice
SO6 Short message service (Rate Set 1)
SO9 14.4 kbps data loopback
SO14 Short message service (Rate Set 2)
SO17 14.4 kbps voice
SO55 9.6 or 14.4 kbps data loopback
SO68 9.6 kbps EVRC-B voice
SO70 9.6 kbps EVRC-WB voice (fully supported
with special ADC hardware E5515C-H05 or
E5515CU- H05 and the latest software)
SO73 9.6 kbps EVRC-NW voice (RC11, RC8)
SO75 9.6 kbps data loopback (RC11, RC8)
SO32768 14.4 kbps voice
Loopback service option
traffic data source
PRBS (CCITT 215−1 pattern)
Voice service option
modes
Echo with variable delay, 400 Hz sine wave,
1 kHz sine wave, swept sine wave, multi-tone
audio, real-time vocoder, and null frames
Echo delay
Selectable as short, medium, and long
F-SCH service option
support
SO32 (+F-SCH) or SO32 (+SCH): TDSO
supporting all SR1 rates up to 153.6 kbps in
(F-RC3, R-RC3), (F-RC4, R-RC3), or (F-RC11,
R-RC8)
IS-2000 to IS-95 handoff parameters: Execute,
channel, band, protocol, and service option
IS-2000 to AMPS handoff parameters: Execute,
channel, SAT, and power level


Similar Part No. - E1962B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
More results

Similar Description - E1962B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1996A KEYSIGHT-E1996A Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1991B KEYSIGHT-E1991B Datasheet
512Kb / 6P
   For use with the 8960 Series 10 (E5515C) Wireless Communications Test Set
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
E6890A HP-E6890A Datasheet
201Kb / 6P
   Wireless Communications Test Set
logo
Keysight Technologies
U9075A KEYSIGHT-U9075A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9063A KEYSIGHT-U9063A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9072A KEYSIGHT-U9072A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9073A KEYSIGHT-U9073A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9080A KEYSIGHT-U9080A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9079A KEYSIGHT-U9079A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com