Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1991B Datasheet(PDF) 4 Page - Keysight Technologies

Part # E1991B
Description  For use with the 8960 Series 10 (E5515C) Wireless Communications Test Set
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1991B Datasheet(HTML) 4 Page - Keysight Technologies

  E1991B Datasheet HTML 1Page - Keysight Technologies E1991B Datasheet HTML 2Page - Keysight Technologies E1991B Datasheet HTML 3Page - Keysight Technologies E1991B Datasheet HTML 4Page - Keysight Technologies E1991B Datasheet HTML 5Page - Keysight Technologies E1991B Datasheet HTML 6Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Specifications
Fast Device Tune W-CDMA
Measurement bandwidth
5 MHz (RRC filter off)
Measurement interval
667 µs
Measurement range
-61 to +28 dBm
Output power range
-109 to -15 dBm
Measurement accuracy
<±1.1 dB for all bands
Frequency band support
Bands 1-11
Fast Device Tune cdma2000/1xEV-DO
Measurement bandwidth
1.23 MHz
Measurement interval
313 µs
Measurement range
-61 to +30 dBm
Output power range
-109 to -15 dBm
Measurement accuracy
<±1.1 dB for all bands
Frequency band support
US Cellular and PCS, Secondary 800,
Japan CDMA, Korean PCS, IMT-2000,
NMT-450, China Cellular and Cellular Upper
700 MHz
Fast Device Tune GSM/GPRS/EGPRS
Minimum input Level
-14 dBm for first burst,
-25 dBm for 2nd to 7th burst
Measurement bandwidth
200K
Measurement interval
577us
Output power range
-110 to -13 dBm
Measurement accuracy
<0.87dB for all bands
Frequency band support
All GSM bands


Similar Part No. - E1991B

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E199 GILWAY-E199 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
Keysight Technologies
E1993A KEYSIGHT-E1993A Datasheet
719Kb / 40P
   W-CDMA Mobile Test Application
E1996A KEYSIGHT-E1996A Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1999A KEYSIGHT-E1999A Datasheet
512Kb / 6P
   E1999A-202 Enhanced Fast Device Tune
More results

Similar Description - E1991B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1996A KEYSIGHT-E1996A Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
E6890A HP-E6890A Datasheet
201Kb / 6P
   Wireless Communications Test Set
logo
Keysight Technologies
U9075A KEYSIGHT-U9075A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9063A KEYSIGHT-U9063A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9072A KEYSIGHT-U9072A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9073A KEYSIGHT-U9073A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9080A KEYSIGHT-U9080A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9079A KEYSIGHT-U9079A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com