Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1996A Datasheet(PDF) 3 Page - Keysight Technologies

Part # E1996A
Description  For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1996A Datasheet(HTML) 3 Page - Keysight Technologies

  E1996A Datasheet HTML 1Page - Keysight Technologies E1996A Datasheet HTML 2Page - Keysight Technologies E1996A Datasheet HTML 3Page - Keysight Technologies E1996A Datasheet HTML 4Page - Keysight Technologies E1996A Datasheet HTML 5Page - Keysight Technologies E1996A Datasheet HTML 6Page - Keysight Technologies E1996A Datasheet HTML 7Page - Keysight Technologies E1996A Datasheet HTML 8Page - Keysight Technologies E1996A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
03 | Keysight | E1962B cdma2000/IS-95/AMPS Mobile Test Application - Technical Overview
E1962B functionality overview
With advanced features and superior performance, the E1962B is designed for high-vol-
ume manufacturing and wireless device development, allowing you to finalize product
designs and minimize time to volume.
CDMA forward link emulation
The fully-coded IS-2000 forward-link emulation supports radio configurations 1 through
5, and 11, as well as all supplemental channel data rates associated with those config-
urations. Comprehensive signal generation capabilities including all applicable CDMA
channels, modulation, and an AWGN source (1.8 MHz minimum bandwidth). Flexible user
control of the forward link emulation is provided through easy-to-use front panel control
and remote GPIB. Option E1962B-401 adds cdma2000 Release A protocol support and
includes the F-BCCH and F-CCCH channels. E1962B-410 adds cdma2000 1x Advanced
support and includes the F-ACK channel for early termination.
CDMA authentication
Option E1962B-403 adds authentication capabilities when operating in the active cell
modes using the IS-95 or IS-2000 systems. Authentication supports two, one-button
commands: unique challenge and SSD update. The global challenge function can be
turned on or off to support authentication with most call processing functions. User
authentication parameters include A-key (decimal), RAND (hex), RANDU (hex), and
RANDSSD (hex). The reported global challenge results include the AUTHU expected
value, the AUTHU received value and a pass/fail result and the RANDC expected value,
the RANDC received value, and a pass/fail result. Other results include the count and
AUTH_MODE. The reported unique challenge results include the AUTHU expected value,
the AUTHU received value and a pass/fail result. Pass/fail results are also available for
SSD updates.
CDMA transmitter tests
– Maximum power
– Minimum power
– Multi-coded waveform quality
– Handoff waveform quality
– Open loop power accuracy
– Open loop power calibration
– Access probe power
– Code domain power
– Gated power
– Code channel timing and phase
– Spurious emissions
– Time response of open loop
– Tx dynamic power
– DTX support
CDMA receiver tests
– Fundamental/Traffic channel sensitivity
– Supplemental channel sensitivity
– Dynamic range
– Demodulation with AWGN


Similar Part No. - E1996A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E199 GILWAY-E199 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
Keysight Technologies
E1991B KEYSIGHT-E1991B Datasheet
512Kb / 6P
   For use with the 8960 Series 10 (E5515C) Wireless Communications Test Set
E1993A KEYSIGHT-E1993A Datasheet
719Kb / 40P
   W-CDMA Mobile Test Application
E1999A KEYSIGHT-E1999A Datasheet
512Kb / 6P
   E1999A-202 Enhanced Fast Device Tune
More results

Similar Description - E1996A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1991B KEYSIGHT-E1991B Datasheet
512Kb / 6P
   For use with the 8960 Series 10 (E5515C) Wireless Communications Test Set
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
E6890A HP-E6890A Datasheet
201Kb / 6P
   Wireless Communications Test Set
logo
Keysight Technologies
U9075A KEYSIGHT-U9075A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9063A KEYSIGHT-U9063A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9072A KEYSIGHT-U9072A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9073A KEYSIGHT-U9073A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9080A KEYSIGHT-U9080A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9079A KEYSIGHT-U9079A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com