Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK1308CILP40 Datasheet(PDF) 6 Page - Exar Corporation

Part # CDK1308CILP40
Description  Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK1308CILP40 Datasheet(HTML) 6 Page - Exar Corporation

Back Button CDK1308CILP40 Datasheet HTML 2Page - Exar Corporation CDK1308CILP40 Datasheet HTML 3Page - Exar Corporation CDK1308CILP40 Datasheet HTML 4Page - Exar Corporation CDK1308CILP40 Datasheet HTML 5Page - Exar Corporation CDK1308CILP40 Datasheet HTML 6Page - Exar Corporation CDK1308CILP40 Datasheet HTML 7Page - Exar Corporation CDK1308CILP40 Datasheet HTML 8Page - Exar Corporation CDK1308CILP40 Datasheet HTML 9Page - Exar Corporation CDK1308CILP40 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
©2009-2013 Exar Corporation
6/14
Rev 1B
Electrical Characteristics - CDK1308A
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 20MSPS clock, 50% clock duty cycle,
-1dBFS 8MHz input signal, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 2MHz
61.7
dBFS
FIN = 8MHz
60
61.6
dBFS
FIN ≃ FS/2
61.6
dBFS
FIN = 20MHz
61.6
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 2MHz
61.7
dBFS
FIN = 8MHz
60
61.6
dBFS
FIN ≃ FS/2
60.5
dBFS
FIN = 20MHz
61.6
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 2MHz
80
dBc
FIN = 8MHz
70
81
dBc
FIN ≃ FS/2
70
dBc
FIN = 20MHz
80
dBc
HD2
Second order Harmonic Distortion
FIN = 2MHz
-90
dBc
FIN = 8MHz
-80
-90
dBc
FIN ≃ FS/2
-90
dBc
FIN = 20MHz
-90
dBc
HD3
Third order Harmonic Distortion
FIN = 2MHz
-80
dBc
FIN = 8MHz
-70
-81
dBc
FIN ≃ FS/2
-70
dBc
FIN = 20MHz
-80
dBc
ENOB
Effective number of Bits
FIN = 2MHz
10.0
bits
FIN = 8MHz
9.7
9.9
bits
FIN ≃ FS/2
9.8
bits
FIN = 20MHz
9.9
bits
Power Supply
AIDD
Analog Supply Current
5.7
mA
DIDD
Digital Supply Current
Digital core supply
1.0
mA
OIDD
Output Driver Supply
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT enabled
1.7
mA
2.5V output driver supply, sine wave input,
FIN = 1MHz, CLK_EXT disabled
1.2
mA
Analog Power Dissipation
10.3
mW
Digital Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
4.8
mW
Total Power Dissipation
OVDD = 2.5V, 5pF load on output bits,
FIN = 1MHz, CLK_EXT disabled
15.1
mW
Power Down Dissipation
9.9
µW
Sleep Mode
Power Dissipation, Sleep mode
7.7
mW
Clock Inputs
Max. Conversion Rate
20
MSPS
Min. Conversion Rate
15
MSPS


Similar Part No. - CDK1308CILP40

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1308CILP40 CADEKA-CDK1308CILP40 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
More results

Similar Description - CDK1308CILP40

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK2308 EXAR-CDK2308 Datasheet
896Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2308 CADEKA-CDK2308_09 Datasheet
1,009Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK2308 CADEKA-CDK2308 Datasheet
1Mb / 14P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK1307 CADEKA-CDK1307_09 Datasheet
2Mb / 15P
   Ultra Low Power, 10/20/40/65/80/100MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com